Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 40Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 41Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 44Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
41 / 93
to indicate the output is back in regulation, however, the interrupt remains latched until it
is cleared.
The actual condition causing the interrupt (OV, UV) can be read in the fault interrupt
registers. For more details on handling interrupts, see Section 14.8 "Interrupt
management".
When a particular regulator is disabled (via OTP, or I2C, or by change in state of PMIC
such as going to standby mode), it no longer controls the PGOOD pin.
In the Off mode and during the power up sequence, the PGOOD pin is held low until
RESETBMCU is ready to be released, at this point, the PG monitors are unmasked and
the PGOOD pin is released high if all the internal PG monitors are in regulation. In the
event that one or more outputs are not in regulation by the time RESETBMCU is ready to
de-assert, the PGOOD pin is held low and the PF5024 performs the corresponding fault
protection mechanism as described in Section 14.7.1 "Fault monitoring during power up
state".
14.9.7 PGOODx
The PGOODx pins are open drain outputs to provide the power good status of each
regulator. In the application, PGOODx can be pulled up to VDDIO with a 100 kΩ resistor.
The PGOODx pin is pulled low when the corresponding regulator output falls above or
below the programmed OV/UV thresholds.
The actual condition causing the interrupt (OV, UV) can be read in the fault interrupt
registers. For more details on handling interrupts, see Section 14.8 "Interrupt
management".
Table 31. PGOODx assignment
Pin
PF5024 regulator
PGOOD1
SW1
PGOOD2
SW2
PGOOD3
SW3
PGOOD4
SW4
14.9.8 ENx
The ENx input pin is used to enable or disable the dedicated regulator via hardware.
When the ENx pin is asserted high, the corresponding regulator is controlled by
SWx_RUN_MODE.
When the ENx pin is asserted low, the corresponding regulator is turned off.
Table 32. ENx assignment
Pin
PF5024 regulator
EN1
SW1
EN2
SW2
EN3
SW3
EN4
SW4
The status of the ENx pin can be monitored via the corresponding ENx_S flag bit in the
EN SENSE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com