Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 25Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 26Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 27Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 29Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 30Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 31Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 32Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
29 / 93
RegX_STATE = 0 && FLT_REN = 1
ILIM fault
RegX_STATE = 0 && FLT_REN = 1
OV/UV fault
REGx
I_REGx
REGx_EN
REGx
REGx_EN
PGOOD
REGx_PG
ILIM
1 ms
1.5 ms
500 µs
300 µs
500 µs
300 µs
1 ms
1.5 ms
aaa-028058
Figure 13. Regulator turned off upon with RegX_STATE = 0 and FLT_REN = 1
When any of the regulators is controlled by hardware using the ENx pins and
programmed to turn off upon an OV, UV or ILIM fault, the _FLT_REN bit still controls
whether the regulator returns to its previous state or not regardless the state of the ENx
pin.
To avoid fault cycling, a global fault counter is provided. Each time any of the
external regulators encounter a fault event, the PF5024 compares the value of the
FAULT_CNT[3:0] against the FAULT_MAX_CNT, and if it not equal, it increments the
FAULT_CNT[3:0] and proceeds with the fault protection mechanism.
The processor is expected to read the counter value and reset it when the faults have
been cleared and the device returns to a normal operation. If the processor does not
reset the fault counter and it equals the FAULT_MAX_CNT[3:0] value, the state machine
initiates a power down sequence.
The default value of the FAULT_MAX_CNT[3:0] is loaded from the
OTP_FAULT_MAX_CNT[3:0] bits during the power up sequence.
When the FAULT_MAX_CNT[3:0] is set to 0x00, the system disables the turn-off events
due to a fault counter maxing out.
When a regulator experiences a fault event, a fault timer is started. While this timer
is in progress, the expectation is that the processor takes actions to clear the fault.
For example, it could reduce its load in the event of a current limit fault, or turn off the
regulator in the event of an overvoltage fault.
If the fault clears before the timer expires, the state machine resumes the normal
operation, and the fault timer gets reset. If the fault does not clear before the timer
expires, a power down sequence is initiated to turn off the voltage regulators.
The default value of the fault timer is set by the OTP_TIMER_FAULT[3:0], however the
duration of the fault timer can be changed during the system On state by modifying the
TIMER_FAULT[3:0] bits in the I2C registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com