Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 33Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 34Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 35Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 40Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
37 / 93
Symbol
Parameter
Min
Typ
Max
Unit
INTB_VOL
INTB low output voltage
−2.0 mA load current
0
—
0.4
V
ENx_VIL
ENx low input voltage
—
—
0.4
V
ENx_VIH
ENx high input voltage
1.4
—
5.5
V
WDI_VIL
WDI low input voltage
—
—
0.3*VDDIO
V
WDI_VIH
WDI high input voltage
0.7*VDDIO
—
5.5
V
RWDI_PD
WDI internal pull-down resistance
0.475
1.0
—
MΩ
PGOOD_VOL
PGOOD low output voltage
−2.0 mA load current
0
—
0.4
V
PGOODx_VOL
PGOODx low output voltage
−2.0 mA load current
0
—
0.4
V
TBBEN_VIL
TBBEN low input voltage
—
—
0.4
V
TBBEN_VIH
TBBEN high input voltage
1.4
—
5.5
V
RTBBEN_PD
TBBEN internal pull-down resistance
0.475
1.0
—
MΩ
XFAILB_VIL
XFAILB low input voltage
—
—
0.4
V
XFAILB_VIH
XFAILB high input voltage
1.4
—
5.5
V
XFAILB_VOH
XFAILB high output voltage
Pulled-up to V1P5A
V1P5A − 0.5
—
—
V
XFAILB_VOL
XFAILB low output voltage
−2.0 mA load current
0
—
0.4
V
SCL_VIL
SCL low input voltage
—
—
0.3*VDDIO
V
SCL_VIH
SCL high input voltage
0.7*VDDIO
—
VDDIO
V
SDA_VIL
SDA low input voltage
—
—
0.3*VDDIO
V
SDA_VIH
SDA high input voltage
0.7*VDDIO
—
VDDIO
V
SDA_VOL
SDA low output voltage
−20 mA load current
0
—
0.4
V
14.9.1 PWRON
PWRON is an input signal to the IC that acts as a power up event signal in the PF5024.
The PWRON pin has two modes of operation as programed by the
OTP_PWRON_MODE bit.
When OTP_PWRON_MODE = 0, the PWRON pin operates in level sensitive mode. In
this mode, the device is in the corresponding off mode when the PWRON pin is pulled
low. Pulling the PWRON pin high is a necessary condition to generate a power on event.
PWRON may be pulled up to VIN with an external 100 kΩ resistor if device is intended to
come up automatically with VIN application. See Section 14.5 "Power up" for details on
power up requirements.
When OTP_PWRON_MODE = 1, the PWRON pin operates in edge sensitive mode. In
this mode, PWRON is used as an input from a push button connected to the PMIC.
When the switch is not pressed, the PWRON pin is pulled up to VIN externally through
a 100 kΩ resistor. When the switch is pressed, the PWRON pin should be shorted to
ground. The PWRON_S bit is low whenever the PWRON pin is at logic 0 and is high
whenever the PWRON pin is at logic 1.
The PWRON pin has a programmable debounce on the rising and falling edges as
shown in Table 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com