Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 67Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 68Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 69Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 70Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 71Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 72Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 73Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 74Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
71 / 93
• EMREV (Address 0x02): contains the MSB bits PROG_ID[8:11]
• PROG_ID (Address 0x03): contains the LSB bit PROG_ID[7:0]
16.1 PF5024 OTP mirror register map
Reset types
OFF_OTP
Register loads the OTP mirror register values during power up
OTP
Register available in OTP bank only, Reset From fuses when VIN crosses UVDET threshold
MR
ADDR
FUSE
ADDR
Register name BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
A0
0
OTP I2C
—
—
—
OTP_I2C_
SECURE_EN
OTP_I2C_CRC_EN
OTP_I2C_ADD[2:0]
A1
1
OTP CTRL1
—
—
OTP_EWARN_TIME[1:0]
OTP_FS_BYPASS
OTP_STANDBYINV OTP_PG_ACTIVE
OTP_PG_CHECK
A2
2
OTP CTRL2
OTP_FSS_EN
OTP_FSS_RANGE
—
OTP_XFAILB_EN
OTP_VIN_OVLO_
SDWN
OTP_VIN_OVLO_
EN
OTP_VIN_OVLO_DBNC[1:0]
A3
3
OTP CTRL3
OTP_VTT_PDOWN
OTP_SW2_VTTEN
—
—
OTP_SW4CONFIG[1:0]
OTP_SW1CONFIG[1:0]
A4
4
OTP FREQ
CTRL
OTP_SW_MODE
OTP_SYNC_MODE
OTP_SYNCOUT_
EN
OTP_FSYNC_
RANGE
OTP_CLK_FREQ[3:0]
A5
5
OTP PWRON
—
—
OTP_PWRON_
MODE
OTP_PWRON_DBNC[1:0]
OTP_PWRON_
RST_EN
OTP_TRESET[1:0]
A6
6
OTP WD
CONFIG
—
—
OTP_WDI_MODE
OTP_WDI_INV
OTP_WD_EN
OTP_ WD_STBY_
EN
OTP_WDI_STBY_
ACTIVE
OTP_WDWINDOW
A7
7
OTP WD
EXPIRE
—
—
—
—
—
OTP_WD_MAX_EXPIRE[2:0]
A8
8
OTP WD
COUNTER
OTP_WD_DURATION[3:0]
OTP_WD_MAX_CNT [3:0]
A9
9
OTP FAULT
COUNTERS
OTP_FS_MAX_CNT[3:0]
OTP_FAULT_MAX_CNT[3:0]
AA
A
OTP FAULT
TIMERS
—
OTP_FS_OK_TIMER[2:0]
OTP_TIMER_FAULT[3:0]
AB
B
OTP PWRDN
DLY1
OTP_GRP4_DLY[1:0]
OTP_GRP3_DLY[1:0]
OTP_GRP2_DLY[1:0]
OTP_GRP1_DLY[1:0]
AC
C
OTP PWRDN
DLY2
OTP_PD_SEQ_DLY[1:0]
—
—
—
—
OTP_RESETBMCU_DLY[1:0]
AD
D
OTP PWRUP
CTRL
—
OTP_PWRDWN_
MODE
OTP_PGOOD_PDGRP[1:0]
OTP_RESETBMCU_PDGRP[1:0]
OTP_SEQ_TBASE[1:0]
AE
E
OTP
RESETBMCU
PWRUP
OTP_RESETBMCU_SEQ[7:0]
AF
F
OTP PGOOD
PWRUP
OTP_PGOOD_SEQ[7:0]
B0
10
OTP SW1
VOLT
OTP_VSW1[7:0]
B1
11
OTP SW1
PWRUP
OTP_SW1_SEQ[7:0]
B2
12
OTP SW1
CONFIG1
OTP_SW1UV_TH[1:0]
OTP_SW1OV_TH[1:0]
OTP_SW1_PDGRP[1:0]
OTP_SW1ILIM[1:0]
B3
13
OTP SW1
CONFIG2
OTP_SW1_LSELECT[1:0]
OTP_SW1PHASE[2:0]
—
OTP_SW1_PG_EN
OTP_SW1_
WDBYPASS
B4
14
OTP SW2
VOLT
OTP_VSW2[7:0]
B5
15
OTP SW2
PWRUP
OTP_SW2_SEQ[7:0]
B6
16
OTP SW2
CONFIG1
OTP_SW2UV_TH[1:0]
OTP_SW2OV_TH[1:0]
OTP_SW2_PDGRP[1:0]
OTP_SW2ILIM[1:0]
B7
17
OTP SW2
CONFIG2
OTP_SW2_LSELECT[1:0]
OTP_SW2PHASE[2:0]
—
OTP_SW2_PG_EN
OTP_SW2_
WDBYPASS
B8
18
OTP SW3_
VOLT
OTP_VSW3[7:0]
B9
19
OTP SW3
PWRUP
OTP_SW3_SEQ[7:0]
BA
1A
OTP SW3
CONFIG1
OTP_SW3UV_TH[1:0]
OTP_SW3OV_TH[1:0]
OTP_SW3_PDGRP[1:0]
OTP_SW3ILIM[1:0]
BB
1B
OTP SW3
CONFIG2
OTP_SW3_LSELECT[1:0]
OTP_SW3PHASE[2:0]
—
OTP_SW3_PG_EN
OTP_SW3_
WDBYPASS
BC
1C
OTP SW4
VOLT
OTP_VSW4[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com