Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 50Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 51Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 52Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 53Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 54Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
53 / 93
Symbol
Parameter [1][2]
Min
Typ
Max
Unit
ISWxxLIM_TP
Current limit in triple phase operation
SWxILIM = 01 (master)
6.0
7.8
9.3
A
ISWxxLIM_TP
Current limit in triple phase operation
SWxILIM = 10 (master)
7.2
9.0
11.1
A
ISWxxLIM_TP
Current limit in triple phase operation
SWxILIM = 11 (master)
10.8
13.5
16.35
A
ISWxxLIM_QP
Current limit in quad phase operation
SWxILIM = 00 (master)
6.4
8.4
10.0
A
ISWxxLIM_QP
Current limit in quad phase operation
SWxILIM = 01 (master)
8.0
10.4
12.4
A
ISWxxLIM_QP
Current limit in quad phase operation
SWxILIM = 10 (master)
9.6
12.0
14.8
A
ISWxxLIM_QP
Current limit in quad phase operation
SWxILIM = 11 (master)
14.4
18.0
21.8
A
VSWxOSH
Startup overshoot
SWxDVS RAMP = 6.25 mV/µs
VSWxIN = 5.5 V, VSWxFB= 1.0 V
−25
25
50
mV
tONSWxMAX
Maximum turn on time
From enable to 90 % of end value
SWxDVS RAMP = 11 (1.56 mV/µs, 2 MHz)
VSWxIN = 5.5 V, VSWxFB= 1.5 V
—
—
895
µs
tONSWx_MIN
Minimum turn on time
From enable to 90 % of end value
SWxDVS RAMP = 01 (18.75 mV/µs, 3 MHz)
VSWxIN = 5.5 V, VSWxFB= 0.4 V
49.2
—
—
µs
ηSWx
Efficiency (PFM mode, 1.0 V, 1.0 mA)
—
80
—
%
ηSWx
Efficiency (PFM mode, 1.0 V, 50 mA)
—
81
—
%
ηSWx
Efficiency ( PFM Mode, 1.0 V, 100 mA)
—
82
—
%
ηSWx
Efficiency (PWM mode, 1.0 V, 500 mA)
—
83
—
%
ηSWx
Efficiency (PWM mode, 1.0 V, 1000 mA)
—
82
—
%
ηSWx
Efficiency (PWM mode, 1.0 V, 2000 mA)
—
79
—
%
VSWxLOTR
Transient load regulation (overshoot/undershoot)
at 0.8 V < VSWxFB ≤ 1.2 V, COUT = 44 µF per phase
ILOAD = 200 mA to 1.0 A, di/dt = 2.0 A/µs (Single
phase)
ILOAD = 400 mA to 2.0 A, di/dt = 4.0 A/µs (Dual
phase)
ILOAD = 600 mA to 3.0 A, di/dt = 6.0 A/µs (Triple
phase)
ILOAD = 800 mA to 4.0 A, di/dt = 8.0 A/µs (Quad
phase)
−25
—
25
mV
VSWxLOTR
Transient load regulation (overshoot/undershoot)
at 1.25 V < VSWxFB ≤ 1.8 V, COUT = 44 µF per phase
ILOAD = 200 mA to 1.0 A, di/dt = 2.0 A/µs (Single
phase)
ILOAD = 400 mA to 2.0 A, di/dt = 4.0 A/µs (Dual
phase)
ILOAD = 600 mA to 3.0 A, di/dt = 6.0 A/µs (Triple
phase)
ILOAD = 800 mA to 4.0 A, di/dt = 8.0 A/µs (Quad
phase)
−3.0
—
3.0
%
FSWx
PWM switching frequency range
Frequency set by CLK_FREQ[3:0]
1.9
2.5
3.15
MHz
TOFFminSWx
Minimum off time
—
27
—
ns
TDBSWx
Deadband time
—
3.0
—
ns
Tslew
Slewing time (10 % to 90 %)
—
—
5.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com