Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 32Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 33Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 34Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 35Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
36 / 93
Register name
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
SW UV MASK
—
—
—
—
SW4_UV_M
SW3_UV_M
SW2_UV_M
SW1_UV_M
SW UV SENSE
—
—
—
—
SW4_UV_S
SW3_UV_S
SW2_UV_S
SW1_UV_S
SW OV INT
—
—
—
—
SW4_OV_I
SW3_OV_I
SW2_OV_I
SW1_OV_I
SW OV MASK
—
—
—
—
SW4_OV_M
SW3_OV_M
SW2_OV_M
SW1_OV_M
SW OV SENSE
—
—
—
—
SW4_OV_S
SW3_OV_S
SW2_OV_S
SW1_OV_S
PWRON INT
BGMON_I
PWRON_8S_I
PWRON_4S_I
PRON_3S_I
PWRON_2S_I
PWRON_1S_I
PWRON_REL_I
PWRON_PUSH_I
PWRON MASK
BGMON_M
PWRON_8S_M
PWRON_4S_M
PRON_3S_M
PWRON_2S_M
PWRON_1S_M
PWRON_REL_M
PWRON_PUSH_M
PWRON SENSE
BGMON_S
—
—
—
—
—
—
PWRON_S
EN_SENSE
—
—
—
—
EN4_S
EN3_S
EN2_S
EN1_S
SYS INT
EWARN_I
PWRON_I
OV_I
UV_I
ILIM_I
MODE_I
STATUS2_I
STATUS1_I
14.9 I/O interface pins
The PF5024 PMIC is fully programmable via the I2C interface. Additional communication
between MCU, PF5024 and other companion PMIC is provided by direct logic interfacing
including INTB, RESETBMCU, PGOOD, among other pins.
aaa-030054
PF5024
MCU
PMIC1
PF5024
PMIC2
V1P5A
Figure 17. I/O interface diagram
Table 27. I/O electrical specifications
Symbol
Parameter
Min
Typ
Max
Unit
PWRON_VIL
PWRON low input voltage
—
—
0.4
V
PWRON_VIH
PWRON high input voltage
1.4
—
5.5
V
STANDBY_VIL
STANDBY low input voltage
—
—
0.4
V
STANDBY_VIH
STANDBY high input voltage
1.4
—
5.5
V
RESETBMCU_VOL
RESETBMCU low output voltage
−2.0 mA load current
0
—
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com