Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 23Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 24Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 25Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 26Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 27Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 29Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 30Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
27 / 93
aaa-030050
Power Down
Sequence
Power Down
Delay
Regulator
Outputs
RESETBMCU
PWRON
Shutdown
Event
OFF State
System On
State
Power Down
Sequence
Power Down Delay
Figure 11. Power down delay
The default value of the OTP_PD_SEQ_DLY[1:0] bits on an unprogrammed OTP device
shall be 00.
14.7 Fault detection
Three types of faults are monitored per regulator: UV, OV and ILIM. Faults are monitored
during power up sequence, run, standby and WD reset states. A fault event is notified to
the MCU through the INTB pin if the corresponding fault is not masked.
The fault configuration registers are reset to their default value after the power up
sequences, and system must configure them as required during the boot-up process via
I2C commands.
For each type of fault, there is an I2C bit that is used to select whether the regulator is
kept enabled or disabled when the corresponding regulator experience a fault event.
SWx_ILIM_STATE
• 0 = regulator disables upon an ILIM fault event
• 1 = regulator remains on upon an ILIM fault event
SWx_OV_STATE
• 0 = regulator disables upon an OV fault event
• 1 = regulator remains on upon an OV fault event
SWx_UV_STATE
• 0 = regulator disables upon an UV fault event
• 1 = regulator remains on upon an UV fault event
The following table lists the functional bits associated with enabling/disabling the external
regulators when they experience a fault.
Table 23. Regulator control during fault event bits
Regulator
Bit to disable the
regulator during current
limit
Bit to disable the
regulator during
undervoltage
Bit to disable the
regulator during
overvoltage
SWx
SWx_ILIM_STATE
SWx_UV_STATE
SWx_OV_STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com