Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 83 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 79Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 80Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 81Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 82Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 83Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 84Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 85Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 86Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
83 / 93
Symbol
Parameter
Min
Typ
Max
Unit
IQPUOFF
QPU_Off
LPM_OFF = 1
System ready to power on
—
750
1000
µA
ISYSON
System On core current
Run or standby and all regulators disabled
Coin cell charger disabled
AMUX disabled
—
750
1000
µA
IFSAFE
Fail-safe mode
VIN > UVDET
—
40
150
µA
20 Typical applications
aaa-030058
PF5024
FAIL-SAFE
CONTROL
ENx
STATUS FLG
from MCU
ENx
VDDOTP
TBBEN
WATCHDOG
MONITORING
4
WD TIMER
LOGIC
CONTROL
PGOOD
ABIST
PGOOD
MONITOR
4
100 kΩ
100 kΩ
100 kΩ
100 kΩ
100 kΩ
1 µH
2 x 22 µF
4.7 µF
SW1FB
VSW1
VIN
SW1
OV/UV
MONITOR
TEMP SENSE
SW1
ABIST
SW1LX
SW1IN
1 µH
2 x 22 µF
4.7 µF
SW2FB
VSW2
VIN
SW2
OV/UV
MONITOR
TEMP SENSE
SW2
ABIST
SW2LX
SW2IN
1 µH
2 x 22 µF
4.7 µF
SW3FB
VSW3
VIN
SW3
OV/UV
MONITOR
TEMP SENSE
SW3
ABIST
SW3LX
SW3IN
EP
1 µH
2 x 22 µF
4.7 µF
SW4FB
VSW4
VIN
SW4
OV/UV
MONITOR
TEMP SENSE
SW4
ABIST
SW4LX
SW4IN
CLOCK MANAGEMENT
100 KH CLOCK
20 MHz CLOCK +/-25 %
SPREAD SPECTRUM
CLOCK SYNCHRONIZATION
20 MHz OSC DIAGNOSTIC
MUX
Syncin
I2C CONTROL
MIRROR
REGISTERS
FUSE CRC
VERIFICATION
OTP/
TRIM
MEMORY
FUNCTIONAL
REGISTERS
THERMAL
MONITOR
TEMP
SENSE MAIN
SYNC
SDA
SCL
VDDIO
I2C DATA
I2C CLK
I/O supply
(SWx/LDOx)
sync CLK
functional block
functional safety block
VIN
VIN
Syncout
BANDGAP
COMPARATOR
BG2
VIN OVLO
UVDET
BG1
V1P5A POR
V1P5A
V1P5D
I2C CRC
V1P5D POR
IREF 2
IREF 1
1.0 µF
V1P5D
V1P5D
1.0 µF
V1P5A
V1P5A
GND
2.2 kΩ
2.2 kΩ
1.0 µF
Figure 34. Typical application diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com