Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 72Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 73Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 74Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 75Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 76Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 77Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 78Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 79Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
76 / 93
test a custom power up configuration and/or burn the configuration into the OTP fuses to
generate a customized default power up configuration.
When VDDOTP = V1P5D, the I2C functional register will always be loaded from the
hardwire configuration each time a default loading is required. Therefore, no TBB
operation is possible in this configuration.
In the event of a TRIM/OTP loading failure or a self-test failure, the corresponding fault
flag is set and any PWRUP event is ignored until the flags are cleared by writing a 1
during the QPU_OFF state.
The TRIM_NOK, OTP_NOK and STEST_NOK flags can only be written when the
TBBEN = V1P5D (in TBB mode). In normal operation, the TRIM_NOK, OTP_NOK and
STEST_NOK flags can only be read, but not cleared.
17.1 TBB (Try Before Buy) operation
The PF5024 allows temporary configuration (TBB) to debug or test a customized power
up configuration in the system. In order to access the TBB mode, the TBBEN pin should
be pulled up to V1P5D.
In this mode of operation, the device ignores the default value of the LPM_OFF bit and
moves into the QPU_Off state, regardless of the result of the self-test. However, the
actual result of the self-test is notified by the STEST_NOK flag.
• When the self-test is successful the STEST_NOK flag is set to 0.
• When the self-test has failed, the STEST_NOK flag is set to 1.
In the TBB mode, the following conditions are valid:
• I2C communication uses standard communication with no CRC and secure write
disabled.
• Default I2C address is 0x08 regardless of the address configured by OTP.
• Watchdog monitoring is disabled (including WDI and internal watchdog timer).
• The PF5024 can communicate through I2C as long as VDDIO is provided to the PMIC
externally.
The PAGE[2:0] bits are provided to grant access to the mirror registers and other OTP
dedicated bits. When the device is in the TBB mode, it can access the mirror registers
in the extended register Page 1. With the TBBEN pin pulled low, access to the extended
register pages is not allowed.
The mirror registers are preloaded with the values from the OTP configuration. These
may be modified to set the proper power up configuration during TBB operation.
If a power up event is present with the TBBEN pin pulled to V1P5D, the device will power
up with the proper configuration but limited functionality.
Limited functionality includes:
• Default I2C address = 0x08
• CRC and secure write disabled
• Watchdog operation/monitoring disable
In order to allow TBB operation with full functionality, the TBBEN pin must be low when
the power up event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com