Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 26 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 26 Page - Micronas

Back Button MAS35X9F Datasheet HTML 22Page - Micronas MAS35X9F Datasheet HTML 23Page - Micronas MAS35X9F Datasheet HTML 24Page - Micronas MAS35X9F Datasheet HTML 25Page - Micronas MAS35X9F Datasheet HTML 26Page - Micronas MAS35X9F Datasheet HTML 27Page - Micronas MAS35X9F Datasheet HTML 28Page - Micronas MAS35X9F Datasheet HTML 29Page - Micronas MAS35X9F Datasheet HTML 30Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
MAS 35x9F
DATA SHEET
26
June 30, 2004; 6251-505-1DS
Micronas
77
DCFR Register (reset = 00
hex)
DCFR
Battery Voltage Monitor
bit[15]
Comparison result (readback)
1
input voltage at pin VBAT above defined threshold
0
input voltage at pin VBAT below defined threshold
bit[14]
Number of battery cells
0
1 cell (range 0.8...1.5 V) (reset)
1
2 cells (range 1.6...3.0 V)
bit[13:10]
Voltage threshold level
1 cell
2 cells
1111
1.5
3.0 V
1110
1.45
2.9 V
...
0010
0.85
1.7 V
0001
0.8
1.6 V
0000
battery voltage supervision off (reset)
bit[9:8]
Reserved, must be set to 0
The result is stable 1 ms after enabling. The setup time for switching between
two thresholds is negligibly small.
For power management reasons, the battery voltage monitor should be
switched off by setting bit[13:10] to zero when the measurement is completed.
DC/DC Converter Frequency Control (PWM)
bit[7:4]
Reserved, must be set to 0
bit[3:0]
Frequency of DC/DC converter
Reference: 24.576
22.5792
18.432 MHz
0111
315.1
289.5
297.3 kHz
0110
323.4
297.1
307.2 kHz
0101
332.1
305.1
317.8 kHz
0100
341.3
313.6
329.1 kHz
0011
351.1
322.6
341.3 kHz
0010
361.4
332.0
354.5 kHz
0001
372.4
342.1
368.6 kHz
0000
384.0
352.8
384.0 kHz (reset)
1111
396.4
364.2
400.7 kHz
1110
409.6
376.3
418.9 kHz
1101
423.7
389.3
438.9 kHz
1100
438.9
403.2
460.8 kHz
1011
455.1
418.1
485.1 kHz
1010
472.6
434.2
512.0 kHz
1001
491.5
451.6
542.1 kHz
1000
512.0
470.4
576.0 kHz
If the audio codec is not enabled (bit[11] of the CONTROL register at I2C-sub-
address 6Ahex is zero), the clock for the DC/DC converters is directly derived
from the crystal frequency (nominal 18.432 MHz). Otherwise, the synthesizer
clock is used as the reference (please refer to the respective column in
Table 2–1 on page 11).
Table 3–3: Direct configuration registers, continued
I2C Sub-
address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com