Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 71 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 71 Page - Micronas

Back Button MAS35X9F Datasheet HTML 67Page - Micronas MAS35X9F Datasheet HTML 68Page - Micronas MAS35X9F Datasheet HTML 69Page - Micronas MAS35X9F Datasheet HTML 70Page - Micronas MAS35X9F Datasheet HTML 71Page - Micronas MAS35X9F Datasheet HTML 72Page - Micronas MAS35X9F Datasheet HTML 73Page - Micronas MAS35X9F Datasheet HTML 74Page - Micronas MAS35X9F Datasheet HTML 75Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
71
4.6.2. Digital Characteristics
at T = TA, VSUPD, VSUPA = 2.2 ... 3.6 V, fCrystal = 18.432 MHz, Typ. values for TA =25 °C in P(L/M)QFP package
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
Digital Supply Voltage
ISUPD
Current consumption
VDD,
XVDD,
I2CVDD
36
mA
2.2 V, sampling fre-
quency
≥ 32 kHz
ISUPD
Current consumption
23
mA
2.2 V, sampling fre-
quency
≤ 24 kHz
ISUPD
Current consumption
15
mA
2.2 V, sampling fre-
quency
≤ 12 kHz
ISTANDBY
Total current at stand-by
10
µA
DSP off, Codec off,
DC/DC off, AD and
DAC off, no I2C access
Digital Outputs and Inputs
ODigL
Output low voltage
PI<I>,
SOI,
SOC,
SOD,
EOD,
PRTR,
PRTW,
CLKO,
SYNC, PUP,
SPDO
0.3
V
Iload = 2 mA
ODigH
Output low voltage
VSUPx
−0.3
VIload = −2mA
ZDigI
Input impedance
ALL DIGITAL
INPUTS
7pF
IDLeak
Digital input leakage cur-
rent
−11
µA
0 V < Vpin < VSUPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com