Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 10 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 10 Page - Micronas

Back Button MAS35X9F Datasheet HTML 6Page - Micronas MAS35X9F Datasheet HTML 7Page - Micronas MAS35X9F Datasheet HTML 8Page - Micronas MAS35X9F Datasheet HTML 9Page - Micronas MAS35X9F Datasheet HTML 10Page - Micronas MAS35X9F Datasheet HTML 11Page - Micronas MAS35X9F Datasheet HTML 12Page - Micronas MAS35X9F Datasheet HTML 13Page - Micronas MAS35X9F Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
MAS 35x9F
DATA SHEET
10
June 30, 2004; 6251-505-1DS
Micronas
2.4. Audio Codec
A sophisticated set of audio converters and sound fea-
tures has been implemented to comply with various
kinds of operating environments that range up to high-
end equipment (see Fig. 2–4).
Fig. 2–4: Signal flow block diagram of Audio Codec
2.4.1. A/D Converter and Microphone Amplifier
A pair of A/D converters is provided for recording or
loop-through purposes. In addition, a microphone
amplifier including voltage supply function for an elec-
tret type microphone has been integrated.
2.4.2. Baseband Processing
The several baseband functions are applied to the dig-
ital audio signal immediately before D/A conversion.
2.4.2.1. Bass, Treble, and Loudness
Standard baseband functions such as bass, treble,
and loudness are provided (refer to Table 3–16 for
details).
2.4.2.2. Micronas Bass (MB)
The Micronas Bass system (MB) was developed to
extend the frequency range of loudspeakers or head-
phones below the cutoff frequency of the speakers.
Apart from dynamically amplifying the low-frequency
bass signals, the MB exploits the psycho-acoustic phe-
nomenon of the ‘missing fundamental’. Adding har-
monics of the frequency components below the cutoff
frequency gives the impression of actually hearing the
low frequency fundamental, while at the same time
retaining the loudness of the original signal. Due to the
parametric implementation of the MB, it can be cus-
tomized to create different bass effects and adapted to
various
loudspeaker
characteristics
(see
Section 3.4.4. and Table 3–16).
2.4.2.3. Automatic Volume Control (AVC)
In a collection of tracks from different sources fairly
often the average volume level varies. Especially in a
noisy listening environment the user must adjust the
volume to comfortably enjoy listening. The Automatic
Volume Correction (AVC) solves this problem by
equalizing the volume level.
To prevent clipping, the AVC's gain decreases quickly
in dynamic boost conditions. To suppress oscillation
effects, the gain increases rather slowly for low level
inputs. The decay time is programmable by means of
the AVC register (see Table 3–16 on page 46).
For input levels of -18 dBr to 0 dBr, the AVC maintains
a fixed output level of -9 dBr. Fig. 2–5 shows the AVC
output level versus its input level. For volume and
baseband registers set to 0 dB, a level of 0 dBr corre-
sponds to full scale input/output.
Fig. 2–5: Simplified AVC characteristics
2.4.2.4. Balance and Volume
To minimize quantization noise, the main volume con-
trol is automatically split into a digital and an analog
part. The volume range is
−114...+12 dB with an addi-
tional mute position. A balance function is provided.
Mic-In
A
D
A
D
Line-In
Mono
Mixer
Mono/Stereo
AVC
Bass/Treble
Loudness
Right invert
A
D
A
D
Volume
Balance
Audio
Codec
Mic-Amplifier incl. Bias
Output
MB
Q-peak
Q-peak
−30
−24
−18
−12
−6
+6
input level
−15
−21
−9
output level
dBr
dBr
0
AVCoff
AVCon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com