Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 20 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 20 Page - Micronas

Back Button MAS35X9F Datasheet HTML 16Page - Micronas MAS35X9F Datasheet HTML 17Page - Micronas MAS35X9F Datasheet HTML 18Page - Micronas MAS35X9F Datasheet HTML 19Page - Micronas MAS35X9F Datasheet HTML 20Page - Micronas MAS35X9F Datasheet HTML 21Page - Micronas MAS35X9F Datasheet HTML 22Page - Micronas MAS35X9F Datasheet HTML 23Page - Micronas MAS35X9F Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
MAS 35x9F
DATA SHEET
20
June 30, 2004; 6251-505-1DS
Micronas
2.11.3. Reset Signal Specification
After power-up, a reset signal should be applied to the pin POR by the microcontroller as follows:
Fig. 2–14: Reset signal at pin POR
Note: The slew rate of POR should be as high as pos-
sible, but
must be glitch-free in any case.
Slew rate typ.: 1
µs for 10% to 90% level transition,
Slew rate max.: 20
µs for 10% to 90% level transition.
VDD 2.2 V min.
POR 2.2 V min.
see Note 1
0.5
µs min. delay
I2C access works without
additional delay from this point
VDD
POR
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com