Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 7 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 7 Page - Micronas

Back Button MAS35X9F Datasheet HTML 3Page - Micronas MAS35X9F Datasheet HTML 4Page - Micronas MAS35X9F Datasheet HTML 5Page - Micronas MAS35X9F Datasheet HTML 6Page - Micronas MAS35X9F Datasheet HTML 7Page - Micronas MAS35X9F Datasheet HTML 8Page - Micronas MAS35X9F Datasheet HTML 9Page - Micronas MAS35X9F Datasheet HTML 10Page - Micronas MAS35X9F Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
7
1.3. Application Overview
The following block diagram shows an example appli-
cation for the MAS 35x9F in a portable audio player
device. Besides a simple controller and the external
flash memories, all required components are inte-
grated in the MAS 35x9F. The MAS 35x9F supports
both speech and radio quality audio encoding, as well
as compressed-audio decoding tasks.
Fig. 1–1 depicts a portable power-optimized audio
application. The two embedded DC/DC converters of
the MAS 35x9F generate optimum power supply volt-
ages for the DSP core and also for state-of-the art
flash memories that typically require 2.7 to 3.3 V sup-
ply. The performance of the DC/DC converters
reaches efficiencies of up to 95%.
Fig. 1–1: Example of an application for the MAS 35x9F in a portable audio player device
MAS 35x9F
Portable Digital Music Player
A/D
Microphone
amplifier
D/A
Headphone
amplifier
Volume
optional
line in
optional
digital in
S/PDIF
or
serial
Crystal
Osc./PLL
DC/DC1
I2CDC/DC2
Audio
baseband
features
DSP Core
MP3
AAC
Optional
SC4
Downloads
Headphone
digital out
S/PDIF and serial
System clock
e.g. 2.2 V
e.g. 3.0 V
I2C
µC
Display
Keyboard
PC Connector
Battery
e.g. 1.0 V
Voltage
Monitor
G.729



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com