Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 68 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 68 Page - Micronas

Back Button MAS35X9F Datasheet HTML 64Page - Micronas MAS35X9F Datasheet HTML 65Page - Micronas MAS35X9F Datasheet HTML 66Page - Micronas MAS35X9F Datasheet HTML 67Page - Micronas MAS35X9F Datasheet HTML 68Page - Micronas MAS35X9F Datasheet HTML 69Page - Micronas MAS35X9F Datasheet HTML 70Page - Micronas MAS35X9F Datasheet HTML 71Page - Micronas MAS35X9F Datasheet HTML 72Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
MAS 35x9F
DATA SHEET
68
June 30, 2004; 6251-505-1DS
Micronas
Table 4–2: Reference Frequency Generation and Crystal Recommendation
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
External Clock Input Recommendations
fCLK
Clock frequency
XTI, XTO
13.00
18.432
20.00
MHz
VCLKI
Clockamplitude of external clock
fed into XTI at VAVDD =2.2 V
XTI
0.7
1.05
VPP
Clockamplitude of external clock
fed into XTI at VAVDD =2.7 V
0.55
1.5
Clockamplitude of external clock
fed into XTI at VAVDD =3.3 V
0.45
1.75
Clockamplitude of external clock
fed into XTO at VAVDD =2.2 V
XTO
1.25
2.2
Clockamplitude of external clock
fed into XTO at VAVDD =2.7 V
0.75
2.7
Clockamplitude of external clock
fed into XTO at VAVDD =3.3 V
0.55
3.3
Duty cycle
XTI, XTO
45
50
55
%
Crystal Recommendations
fP
Load resonance frequency at
CI =20pF
XTI, XTO
18.432
MHz
∆f/f
S
Accuracy of frequency adjust-
ment
−50
50
ppm
∆f/f
S
Frequency variation vs. temper-
ature
−50
50
ppm
REQ
Equivalent series resistance
12
30
Ω
C0
Shunt (parallel) capacitance
3
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com