Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 67 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 67 Page - Micronas

Back Button MAS35X9F Datasheet HTML 63Page - Micronas MAS35X9F Datasheet HTML 64Page - Micronas MAS35X9F Datasheet HTML 65Page - Micronas MAS35X9F Datasheet HTML 66Page - Micronas MAS35X9F Datasheet HTML 67Page - Micronas MAS35X9F Datasheet HTML 68Page - Micronas MAS35X9F Datasheet HTML 69Page - Micronas MAS35X9F Datasheet HTML 70Page - Micronas MAS35X9F Datasheet HTML 71Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
67
4.6.1.1. Recommended Operating Conditions
Functional operation of the device beyond those indicated in the “Recommended Operating Conditions/Characteris-
tics” is not implied and may result in unpredictable behavior, reduce reliability and lifetime of the device.
All voltages listed are referenced to ground (VSUP1, VSUP2, VSUP3 = 0 V) except where noted.
All GND pins must be connected to a low-resistive ground plane close to the IC.
Do not insert the device into a live socket. Instead, apply power by switching on the external power supply. For
power up/down sequences, see the instructions in section Section 2.11.2. of this document.
Symbol
Parameter
Pin Name
Limit Values
Unit
Min.
Typ.
Max.
TA
Ambient Operating Temperature
PLQFP64-1
PMQFP64-2
PQFN64-1
0
0
0
25
25
25
1)
85
85
85
°C
TC
Case Operating Temperature
PLQFP64-1
PMQFP64-2
PQFN64-1
15
20
15
95
100
95
100
105
100
°C
PMAX_D1
MP3 Decoder (SC4 En-/Decoder)
VDD
80
mW
PMAX_D2
AAC Decoder/G729 Encoder
VDD
122
mW
PMAX_D3
G.729 Decoder
VDD
50
mW
PMAX_A
DAC-Headphone Playback
AVDD0/1
7
mW
VSUPD1
1)
Digital supply voltage (MP3
decoder, G729 Decoder)
VDD
2.22.5
3.6V
VSUPD2
Digital supply voltage
(G.729 A encoder/MP3 Decoder
and SD Decryption/AAC Decoder)
2.5
2.7
3.6
VSUPI2C
I2C bus supply voltage
I2CVDD
VSUPDn
2)
at VDD
3.9
V
VSUPx
PIN supply voltage
XVDD
2.2
2.5
3.6
V
PIN supply voltage in relation to
digital supply voltage
0.62 *
VSUPDn
2)
1.6 *
VSUPDn
2)
V
VSUPA
Analog audio supply voltage
AVDD0/1
2.2
2.7
3.6
V
Analog audio supply voltage in rela-
tion to the digital supply voltage
0.62 *
VSUPDn
2)
1.6 *
VSUPDn
2)
V
VSUPDX
Voltage differences within supply
domains
V
1) A power-optimized board layout is recommended. The Case Operating Temperatures mentioned in the
“Recommended Operating Conditions” must not be exceeded at worst case conditions of the application.
For turn-on voltage of DSP and codec, please refer to Section 2.11.2.1.
2) n = 1 or 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com