Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 8 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 8 Page - Micronas

Back Button MAS35X9F Datasheet HTML 4Page - Micronas MAS35X9F Datasheet HTML 5Page - Micronas MAS35X9F Datasheet HTML 6Page - Micronas MAS35X9F Datasheet HTML 7Page - Micronas MAS35X9F Datasheet HTML 8Page - Micronas MAS35X9F Datasheet HTML 9Page - Micronas MAS35X9F Datasheet HTML 10Page - Micronas MAS35X9F Datasheet HTML 11Page - Micronas MAS35X9F Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
MAS 35x9F
DATA SHEET
8
June 30, 2004; 6251-505-1DS
Micronas
2. Functional Description
2.1. Overview
The MAS 35x9F is intended for use in portable con-
sumer audio applications. It receives parallel or serial
data streams and decodes MPEG Layer 2 and 3
(including the low sampling frequency extensions) and
MPEG 2 AAC. A low bit-rate speech codec, compliant
to the ITU Standard G.729 Annex A, is integrated.
Additional downloadable software modules (SDMI,
other audio/speech encoders/decoders) are available
on request.
2.2. Architecture of the MAS 35x9F
The hardware of the MAS 35x9F consists of a high-
performance RISC Digital Signal Processor (DSP),
and appropriate interfaces. A hardware overview of the
IC is shown in Fig. 2–1.
2.3. DSP Core
The internal processor is a dedicated DSP for
advanced audio applications.
Fig. 2–1: The MAS 35x9F architecture
2
DSP Core
÷2
Audio Codec
Mic. Input
(incl. Bias)
Line Input
S/PDIF Input 1
S/PDIF Input 2
Serial Audio
(I2S, SDI)
Serial Audio
(stream, SDIB)
VBAT
V1
V2
Xtal
18.432 MHz
CLKO
Parallel
I/O Bus
(PIO)
I2C
S/PDIF
Output
Serial
Audio
(I2S, SDO)
Audio
Output
control
ALU
MAC
Accumulators
ROM
D0
D1
Registers
Div.
A/D
Audio
Proc.
D/A
Control
DCCF
DCFR
DSP
Codec
Volt.
Mon.
I2C
Interface
Div.
Scaler
Osc.
PLL
Synth.
Synthesizer
Clock
1
2
2
MIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com