Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 31 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 31 Page - Micronas

Back Button MAS35X9F Datasheet HTML 27Page - Micronas MAS35X9F Datasheet HTML 28Page - Micronas MAS35X9F Datasheet HTML 29Page - Micronas MAS35X9F Datasheet HTML 30Page - Micronas MAS35X9F Datasheet HTML 31Page - Micronas MAS35X9F Datasheet HTML 32Page - Micronas MAS35X9F Datasheet HTML 33Page - Micronas MAS35X9F Datasheet HTML 34Page - Micronas MAS35X9F Datasheet HTML 35Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
31
3.3.2.12.Read IC Version (Code 7hex)
With this command the version of the IC is read in two
16 bit words. The first word
n = n3,n2,n1,n0 contains
the IC’s major number (one nibble for each digit). The
second word (
d = d3,d2,d1,d0) returns the version as
shown in Table 3–6.
Example:
Read the version information for MAS 35x9F, derivate
0, order version B2:
<DW 68 70 00
send version command
<DW 69 <DR
and read
35 09
MAS 3509F
01 02 >
derivate 0, version B2
(see Section 2.2. on page 8)
3.3.3. List of DSP Registers
The PSelect_Shadow register in Table 3–7 is used to
switch four RAM areas from data to program usage
and thus enabling the DSP’s program counter to
access downloaded program code stored at these
locations. For normal operation (firmware in ROM),
this register must be kept to zero.
Note: DSP registers not given in Table 3–7 must not
be written.
3.3.4. List of DSP Memory Cells
Among the user interface control memory cells there
are some which have a global meaning and some
which control application specific parts of the DSP
core. In Table 3–8 and Table 3–9, this is reflected by
the key words All, MPEG, and G.729.
Table 3–6: Second word of version information
Bit
Nibble
Content
15:12
d3
IC family derivate
11:8
d2
Coded character of order
version (add 41hex to the
content of d2 to get ASCII)
7:0
d1,d0
Digit of order version
1) send command
2) get version information
SDW
data_write
7,0
0,0
SDW
data_read
S
DR
P
P
A
A
N
A
WA
A
A
WA
d3,d2
W
d1,d0
WA
WA
A
n3,n2
W
n1,n0
0 1
0 2
(hex)
0
Derivate (0..F)
1
Version character (0 = “A”,.., F = “P”)
0 2
Version number (01..FF)
Table 3–7: Program Download registers
Address
(hex)
R/W
Function
Mode
Default
(hex)
Name
6B
R/W
Configuration of Variable RAM Areas
Download
Affected RAM area
bit[19]
D0:800 ... D0:BFF
bit[18]
D0:C00 ... D0:FFF
bit[17]
D1:800 ... D1:BFF
bit[16]
D1:C00 ... D1:FFF
For details of program code download please refer to
Section 3.3.2.10. on page 30.
0000
PSelect_Shadow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com