Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 37 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 37 Page - Micronas

Back Button MAS35X9F Datasheet HTML 33Page - Micronas MAS35X9F Datasheet HTML 34Page - Micronas MAS35X9F Datasheet HTML 35Page - Micronas MAS35X9F Datasheet HTML 36Page - Micronas MAS35X9F Datasheet HTML 37Page - Micronas MAS35X9F Datasheet HTML 38Page - Micronas MAS35X9F Datasheet HTML 39Page - Micronas MAS35X9F Datasheet HTML 40Page - Micronas MAS35X9F Datasheet HTML 41Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
37
D0:34e
I2S Audio Input/Output Interface (reset = 60
hex)
G.729
bit[19:15]
Reserved, set to 0
bit[14]
Output clock signal
0
standard signal
1
inverted signal
bit[13]
Reserved, set to 0
bit[12]
Additional delay of input data related to
word strobe
0
no delay
1
1 bit delay
bit[11]
Additional delay of output data related to
word strobe
0
no delay
1
1 bit delay
bit[10:7]
Reserveded, set to 0
bit[6]
Input word strobe signal
0
standard signal
1
inverted signal
bit[5]
Output word strobe signal
0
standard signal
1
inverted signal
bit[4]
Wordlength
0
32 bits/sample
1
16 bits/sample
This setting affects the wordlength on the SDI and SDO interfaces.
bit[3]
Input clock signal
0
standard signal
1
inverted signal
bit[2:0]
Reserved, set to 0
Changes become effective when the codec is started or the mode is changed
by writing to the UserControl memory cell.
SDISDOConfig
Table 3–9: D0 control memory cells, continued
Memory
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com