Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 27 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 27 Page - Micronas

Back Button MAS35X9F Datasheet HTML 23Page - Micronas MAS35X9F Datasheet HTML 24Page - Micronas MAS35X9F Datasheet HTML 25Page - Micronas MAS35X9F Datasheet HTML 26Page - Micronas MAS35X9F Datasheet HTML 27Page - Micronas MAS35X9F Datasheet HTML 28Page - Micronas MAS35X9F Datasheet HTML 29Page - Micronas MAS35X9F Datasheet HTML 30Page - Micronas MAS35X9F Datasheet HTML 31Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
27
3.3. DSP Core
3.3.1. Access Protocol
The I2C data register is used to communicate with the
internal firmware of the MAS 35x9F. It is readable
(subaddress “data_read”) and writable (subaddress
“data_write”) and also has a length of 16 bits. The data
transfer is done with the most significant bit (m) first.
A special command language is used that allows the
controller to access the DSP registers and RAM cells
and thus monitor internal states, set the parameters for
the DSP firmware, control the hardware, and even pro-
vide a download of alternative software modules. The
DSP commands consist of a “Code” which is sent to
the I2C data register together with additional parame-
ters.
Fig. 3–2: General core access protocol
Table 3–5 gives an overview over the different com-
mands which the DSP Core receives via the I2C data
register. The “Code” is always the first data nibble
transmitted after the “data_write” subaddress byte. A
second auxiliary code nibble is used for the short
memory (16-bit) access commands.
The MAS 35x9F firmware scans the I2C interface peri-
odically and checks for pending or new commands.
The commands are then executed by the DSP during
its normal operation without any loss or interruption of
the incoming data or outgoing audio data stream.
However, due to some time critical firmware parts, a
certain latency time for the response has to be
expected at the locations marked with a “W” (= wait).
The theoretical worst case response time does not
exceed 4 ms. However, the typical response time is
less than 0.5 ms.
Due to the 16-bit width of the I2C data register, all
actions transmit telegrams with multiples of 16 data
bits.
Table 3–4: Data register bit assignment
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
ml
...
SDW
data_write
Code,...
...,...
WA
A
A
A
Table 3–5: Basic controller command codes
Code
(hex)
Command
Function
0...3
Run
Start execution of an internal program. Run with start address 0 means
freeze the operating system.
5
Read Ancillary Data
The controller reads a block of MPEG Ancillary Data from the MAS 35x9F
6
Fast Program Download
The controller downloads custom software via the PIO interface
7
Read IC Version
The controller reads the version information of the IC
a
Read from Register
The controller reads an internal register of the MAS 35x9F
b
Write to Register
The controller writes an internal register of the MAS 35x9F
c
Read D0 Memory
The controller reads a block of the DSP memory
d
Read D1 Memory
The controller reads a block of the DSP memory
e
Write D0 Memory
The controller writes a block of the DSP memory
f
Write D1 Memory
The controller writes a block of the DSP memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com