Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 39 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 39 Page - Micronas

Back Button MAS35X9F Datasheet HTML 35Page - Micronas MAS35X9F Datasheet HTML 36Page - Micronas MAS35X9F Datasheet HTML 37Page - Micronas MAS35X9F Datasheet HTML 38Page - Micronas MAS35X9F Datasheet HTML 39Page - Micronas MAS35X9F Datasheet HTML 40Page - Micronas MAS35X9F Datasheet HTML 41Page - Micronas MAS35X9F Datasheet HTML 42Page - Micronas MAS35X9F Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
39
Table 3–10: MP3 block input mode user interface (all addresses in hex notation)
Addr.
Name
Description
D0:346
IOControlMain
bit[15]
MP3 block input select
0: MP3 block input mode OFF
1: MP3 block input mode ON
works for input at serial input interface B
(bit[9:8] of IOControlMain = 00bin)
Reset value is 0x8024 (see Table 3–2).
R0:68
MP3BlockConfig
bit[17]
data end bit
Disables resync timeout. Should be set by the controller at the end of
an input file (file end, stop, or pause) when the last requested data
block has been fully sent.
0: resync timeout enabled
1: resync timeout disable
↔ no wait for end of block
bit[16]
reserved, set to “0”
bit[15]
start data request
0: MP3 decoder does not send data requests (wait loop)
1: MP3 decoder in operational mode, new input data will be requested
via pulses at the demand pin.
bit[14:0] input block size specific value, do not modify
Reset value is 0x6670. To set the start bit, the controller must write 0xe670.
R0:7e
PulseDelayCounter
bit[13:0] determines the variable fraction of the demand pulse length.
pulseLenVar[ns] = value * 88.58.
D0:34e
ResyncTimeout
bit[19:0] timeout after resync: timeout[
µs] = value * 3.32.
The default value is 219-1, which results in a timeout of 1.74 seconds.
For an optimized resync behavior, it is recommended to set this value
to zero.
R0:5b
SerialInConfig
bit[14:0] configuration of the serial input interface
D0:350
SoftMute
bit[0]
MP3 soft mute
0: audio output on
1: audio output soft muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com