Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 38 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 38 Page - Micronas

Back Button MAS35X9F Datasheet HTML 34Page - Micronas MAS35X9F Datasheet HTML 35Page - Micronas MAS35X9F Datasheet HTML 36Page - Micronas MAS35X9F Datasheet HTML 37Page - Micronas MAS35X9F Datasheet HTML 38Page - Micronas MAS35X9F Datasheet HTML 39Page - Micronas MAS35X9F Datasheet HTML 40Page - Micronas MAS35X9F Datasheet HTML 41Page - Micronas MAS35X9F Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
MAS 35x9F
DATA SHEET
38
June 30, 2004; 6251-505-1DS
Micronas
D0:34f
Interface Status Control (reset = 25
hex)
G.729
This control cell is used to enable/disable interfaces in G.729 mode.
bit[6],[4]
reserved, must be set to zero
bit [5]
reserved, must be set to one
bit[3]
Enable/disable serial data output SDO
0 (reset)
SDO valid data
1
SDO invalid data
bit[2]
Output clock characteristic (SDO and S/PDIF outputs)
0
low impedance
1 (reset)
high impedance
bit[1]
reserved, must be set to zero
bit[0]
Enable/Disable SDI1)
0
enable
1 (reset)
disable
g729_InterfaceCont
rol
D0:352
Volume input control: left gain
(reset=80000hex)
G.729
in_L
D0:353
Volume input control: right gain
(reset=0hex)
G.729
in_R
D0:354
Volume output control: left → left gain (reset=80000
hex)
All
out_LL
D0:355
Volume output control: left → right gain (reset=0
hex)
All
out_LR
D0:356
Volume output control: right → left gain(reset=0
hex)
All
out_RL
D0:357
Volume control: right → right gain (reset=80000
hex)
All
out_RR
1) Note: The pins SIC, SII, SID are switched to output mode, if bit [0] = 1 (Reset value).
Table 3–9: D0 control memory cells, continued
Memory
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com