Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 13 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 13 Page - Micronas

Back Button MAS35X9F Datasheet HTML 9Page - Micronas MAS35X9F Datasheet HTML 10Page - Micronas MAS35X9F Datasheet HTML 11Page - Micronas MAS35X9F Datasheet HTML 12Page - Micronas MAS35X9F Datasheet HTML 13Page - Micronas MAS35X9F Datasheet HTML 14Page - Micronas MAS35X9F Datasheet HTML 15Page - Micronas MAS35X9F Datasheet HTML 16Page - Micronas MAS35X9F Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
13
2.6.3. Power Supply Configurations
One of the following supply configurations may be
used:
– Power-optimized solution (recommended opera-
tion). DC/DC 1 (e.g. 2.2 V) drives the MAS 35x9F
DSP and the audio circuitry, DC/DC 2 (e.g. 2.7 V)
supplies controller and flash (see Fig. 2–8 on
page 14)
– Volume-optimized solution. DC/DC 1 (e.g. 2.7 V)
supplies controller, flash and MAS 35x9F audio
parts, DC/DC 2 generates e.g. 2.2 V for the
MAS 35x9F DSP (see Fig. 2–9 on page 14).
– Minimized external components. DC/DC 1 operates
on, e.g., 2.7 V and feeds all components, DC/DC 2
remains off (see Fig. 2–10 on page 14).
– External power supply. All components are powered
by an external source, no DC/DC converter is used
(see Fig. 2–11 on page 14).
If DC/DC converter 1 is used, it must supply the analog
circuits (pins AVDD0, AVDD1) of the MAS 35x9F.
If only one DC/DC converter is required, DC/DC1 must
be used. Pin DCSO2 must be left vacant, pin VSENS2
should be connected to pin VSENS1.
If the DC/DC converters are not used, pin DCEN must
be connected to VSS, DCSOx must be left vacant.
Fig. 2–7: DC/DC converter overview. The DCEN input must be connected to pin I2CVDD via start-up push button.
15
8
−
+
−
+
VSS
DCSO2
DCSG2
DCEN
PUP
VSENS2
Vin
22
µH
C1
330
µF
S
R
30
DCFR (77hex)
DCCF (76hex)
70
DCCF (76hex)
D1
Start
PUP2
set voltage
factor
output 1
I2CVDD
to I2C interface
supply
L1
VBAT
battery
voltage
monitor
DC/DC
converter 2
voltage
monitor
voltage
monitor
DC/DC
converter 1
frequency
divider
system
or crystal
clock
−
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com