Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 80 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 80 Page - Micronas

Back Button MAS35X9F Datasheet HTML 76Page - Micronas MAS35X9F Datasheet HTML 77Page - Micronas MAS35X9F Datasheet HTML 78Page - Micronas MAS35X9F Datasheet HTML 79Page - Micronas MAS35X9F Datasheet HTML 80Page - Micronas MAS35X9F Datasheet HTML 81Page - Micronas MAS35X9F Datasheet HTML 82Page - Micronas MAS35X9F Datasheet HTML 83Page - Micronas MAS35X9F Datasheet HTML 84Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
MAS 35x9F
DATA SHEET
80
June 30, 2004; 6251-505-1DS
Micronas
4.6.2.8. PIO as Parallel Output Interface
Some downloadable software may use the PIO inter-
face (lines PI19...PI12) as output. The data transfer
rate and conditions are defines by the software func-
tion.
Handshaking for PIO output mode is accomplished
through the RTW, PCS, and PI12..PI19 signal lines
(see Fig. 4–30). The PR line has to be set to high level.
RTW will go low as soon as a byte is available in the
output buffer and will stay low until a byte has been
read. Reading of a byte is performed with a PCS
pulse. Data is latched out from the MAS on the falling
edge of PCS and removed from the bus on the rising
edge of PCS.
Fig. 4–30: Output timing
Table 4–12: PIO output mode timing
Symbol
Pin
Min.
Max.
Unit
t0
RTW, PCS
0.010
1800
µs
t1
PCS
0.330
µs
t2
PCS, RTW
0.010
µs
t3
RTW
0.330
10000
µs
t4
PI
0.330
µs
t5
PI
0.081
µs
RTW
PIxx
PCS
t3
t0
t1
t2
t4
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com