Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS35X9F Datasheet(PDF) 22 Page - Micronas

Part # MAS35X9F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS35X9F Datasheet(HTML) 22 Page - Micronas

Back Button MAS35X9F Datasheet HTML 18Page - Micronas MAS35X9F Datasheet HTML 19Page - Micronas MAS35X9F Datasheet HTML 20Page - Micronas MAS35X9F Datasheet HTML 21Page - Micronas MAS35X9F Datasheet HTML 22Page - Micronas MAS35X9F Datasheet HTML 23Page - Micronas MAS35X9F Datasheet HTML 24Page - Micronas MAS35X9F Datasheet HTML 25Page - Micronas MAS35X9F Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
MAS 35x9F
DATA SHEET
22
June 30, 2004; 6251-505-1DS
Micronas
3. Controlling
3.1. I2C Interface
Controlling between the MAS 35x9F and the external
controller is done via an I2C slave interface.
3.1.1. Device Address
The device addresses are 3C/3Ehex (device write
“DW”) and 3D/3Fhex (device read, “DR”) as shown in
Table 3–1. The device address pair 3C/3Dhex applies if
the DVS pin is connected to VSS, the device address
pair 3E/3Fhex applies if the DVS pin is connected to
I2CVDD.
I2C clock synchronization is used to slow down the
interface if required.
3.1.2. I2C Registers and Subaddresses
The interface uses one level of subaddresses. The
MAS 35x9F interface has 7 subaddresses allocated
for the corresponding I2C registers. The registers can
be divided into three categories as shown in Table 3–
2.
The address 6Ahex is used for basic control, i.e. reset
and task select. The other addresses are used for data
transfer from/to the MAS 35x9F.
The I2C registers of the MAS 35x9F are 16 bits wide,
the MSB is denoted as bit[15]. Transmissions via I2C
bus have to take place in 16-bit words (two byte trans-
fers, MSB sent first); thus, for each register access,
two 8-bit data words must be sent/received via I2C
bus.
3.1.3. Naming Convention
The description of the various controller commands
uses the following formalism:
Abbreviations used in the following descriptions:
a address
d data value
n count value
o offset value
r
register number
x don’t care
– Memory addresses, like D1:89f, are always in hexa-
decimal notation.
– A data value is split into 4-bit nibbles which are
numbered beginning with 0 for the least significant
nibble.
– Data values in nibbles are always shown in hexa-
decimal notation.
– A hexadecimal 20-bit number
d is written, e.g. as
d = 17C63
hex, its five nibbles are
d0 = 3hex, d1 = 6hex, d2 = Chex, d3 = 7hex, and
d4 = 1hex.
Variables used in the following descriptions:
I²C address:
DW3C/3EhexI
2C device write
DR3D/3FhexI
2C device read
DSP core:
data_write68hexDSP data write
data_read69hexDSP data read
Codec:
codec_write6Chexcodec write
codec_read6Dhexcodec read
Bus signals
SStart
PStop
A
ACK = Acknowledge
N
NAK = Not acknowledge
WWait = I2C clock line is held low
while the MAS 35x9F is processing
the current I2C command
Symbols in the telegram examples
<
Start Condition
>
Stop
dd
data bytes
xx
ignore
All telegram numbers are hexadecimal, data origi-
nating from the MAS 35x9F are represented as gray
letters.
Example:
<DW 68 dd dd >
write data to DSP
<DW 69 <DR dd dd >
read data from DSP
Fig. 3–1 shows I2C bus protocols for write and read
operations of the interface; the read operations require
an extra start condition and repetition of the chip
address with the device read command (DR). Fields
with signals/data originating from the MAS 35x9F are
marked by a gray background.
Note: In some cases the data reading process must
be concluded by a NAK condition.
3.2. Direct Configuration Registers
The task selection of the DSP and the DC/DC convert-
ers are controlled in the direct configuration registers
CONTROL, DCCF, and DCFR.
Table 3–1: I2C device address
A7
A6
A5
A4
A3
A2
A1
W/R
00
11
11
DVS
0/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com