Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 22Page - Texas Instruments TMP139AIYAHT Datasheet HTML 23Page - Texas Instruments TMP139AIYAHT Datasheet HTML 24Page - Texas Instruments TMP139AIYAHT Datasheet HTML 25Page - Texas Instruments TMP139AIYAHT Datasheet HTML 26Page - Texas Instruments TMP139AIYAHT Datasheet HTML 27Page - Texas Instruments TMP139AIYAHT Datasheet HTML 28Page - Texas Instruments TMP139AIYAHT Datasheet HTML 29Page - Texas Instruments TMP139AIYAHT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
0x81
T
0x00
Sr or P
T
S or Sr
1
1
1
1
1
1
0
DISINT
ACK/NACK
R/W=0
PEC
T
PEC
T
Sr
0
SA
1
0
HID2
HID1
HID0
ACK/NACK
R/W=0
Figure 7-32. DISEC CCC Direct with PEC Enabled
Note
TMP139 NACKs the DISEC CCC if the previous transaction has a parity or PEC error and the host
starts the transaction with a Repeated Start.
7.4.6.3 RSTDAA CCC
When the RSTDAA CCC is issued by the host controller to the TMP139, it shall switch from I3C basic mode to
I2C mode. The CCC takes effect after a Stop has been issued by the host controller. Once the RSTDAA is
received, the TMP139 shall perform the following actions:
• Update the MR18 register bit INF_SEL as 1'b0 for I2C mode of operation.
• Update the MR18 register bit PEC_EN as 1'b0 to disable PEC, if it was previously enabled.
• Update the MR18 register bit PAR_DIS as 1'b0 to enable parity check, if it was previously disabled.
• Update the MR27 register bit IBI_ERROR_EN as 1'b0 to disable IBI, if it was previously enabled.
The command is always issues as a broadcast command as shown in Figure 7-33.
0x06
T
Sr or P
S or Sr
1
1
1
1
1
1
0
ACK/NACK
R/W=0
Figure 7-33. RSTDAA CCC Broadcast
The command may also be issued with PEC enabled, as shown in Figure 7-34. In such a case, the host
controller shall append the PEC byte calculated on all bytes except the byte with 7'h7E and R/W=0 after the
Start or Repeated Start.
0x06
T
Sr or P
S or Sr
1
1
1
1
1
1
0
ACK/NACK
R/W=0
PEC
T
Figure 7-34. RSTDAA CCC Broadcast with PEC
Note
TMP139 NACKs the RSTDAA CCC if the previous transaction has a parity or PEC error and the host
starts the transaction with a Repeated Start.
7.4.6.4 SETAASA CCC
When the SETAASA CCC is issued by the host controller to the TMP139, it shall switch from I2C mode to I3C
basic mode. The CCC takes effect after a Stop has been issued by the host controller. Once the SETAASA is
received, the TMP139 shall set the MR18 register bit INF_SEL as 1'b1 for I3C basic mode of operation.
The CCC is always issues as a broadcast command, as shown in Figure 7-35, with no PEC bytes since it is
applicable only during I2C mode.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com