Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 28Page - Texas Instruments TMP139AIYAHT Datasheet HTML 29Page - Texas Instruments TMP139AIYAHT Datasheet HTML 30Page - Texas Instruments TMP139AIYAHT Datasheet HTML 31Page - Texas Instruments TMP139AIYAHT Datasheet HTML 32Page - Texas Instruments TMP139AIYAHT Datasheet HTML 33Page - Texas Instruments TMP139AIYAHT Datasheet HTML 34Page - Texas Instruments TMP139AIYAHT Datasheet HTML 35Page - Texas Instruments TMP139AIYAHT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Table 7-10. TMP139 Dynamic I/O Operation for I3C Mode (continued)
OPERATION
OPEN-DRAIN MODE PUSH-PULL MODE
PEC, T-bit sequence
No
Yes
7.4.8 Timing Diagrams
The TMP139 is a I2C and I3C interface-compatible device. Figure 6-1 to Figure 6-3 describe the various bus
conditions that are supported on the bus. The following lists the definitions for the bus conditions:
1. Bus Idle: Both SDA and SCL lines remain high after a Stop condition.
2. Start (S) condition: A change in the state of the SDA line from high to low, when the SCL is high defines a
Start condition. The Start condition is preceded by a bus idle.
3. Stop (P) condition: A change in the state of the SDA line from low to high, when the SCL is high defines a
Stop condition.
4. Repeated Start (SR) condition: A change in the state of the SDA line from high to low, when the SCL is high
and is preceded by a data transfer defines a Repeated Start condition.
5. Data Transfer: The number of data bytes transferred between a Start and Stop condition and determined by
the host or device.
6. Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge (ACK) bit
during device address and host to device write transfer. A device that acknowledges must pull down the SDA
line during the acknowledge clock pulse in such a way that the SDA line is stable low during the high period
of the acknowledge clock pulse. On a host receive, the termination of the data transfer can be signaled by the
host generating a Not-Acknowledge (NAK) on the last byte that is transmitted by the target device. This
behavior is as per I2C mode of operation.
During I3C mode of operation. each receiving device shall only acknowledge its device address. Additionally,
the host shall acknowledge the device address during a successful IBI address arbitration.
7. T-Bit: The T-bit is only applicable in I3C mode of operation or when the host sends a common command
code (CCC) during I2C mode of operation. The T-bit contains the parity information when the host writes to
the targeted device(s). During a read, if the T-bit is sampled as 1 on the rising edge of the 9th clock, the bit
indicates a continuation of a read by the device. If a host wants to terminate the read, then the host can
activate the pullup while the device drives the line high as shown in Figure 6-2. When the device stops driving
the line and tri-states its output, the pull up keeps the line high momentarily before the host claims control of
the bus to generate a Repeated Start and Stop to end the read. If the host can accept more data from the
device, the host must not drive the line. The device samples the SDA on the falling edge of the 9th clock, and
if the T-bit is sampled as 1, the device resumes driving the SDA for the next byte. During a read, if the T-bit is
sampled as 0 on the rising edge of the 9th clock, the bit is used to indicate a termination of the read by the
device as shown in Figure 6-3. The host shall also drive the SDA low, such that when the device stops driving
the line and tri-states its output, the host has control of the bus to generate a Stop to end the read.
7.5 Programming
This section describes the programming model for specific operations of the TMP139.
7.5.1 Enabling Interrupt Mechanism
IBI can only be enabled in I3C basic mode. Figure 7-45 shows the programming model the host controller must
follow to correctly enable the IBI for the TMP139.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com