Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 4 Page - Texas Instruments

  TMP139AIYAHT Datasheet HTML 1Page - Texas Instruments TMP139AIYAHT Datasheet HTML 2Page - Texas Instruments TMP139AIYAHT Datasheet HTML 3Page - Texas Instruments TMP139AIYAHT Datasheet HTML 4Page - Texas Instruments TMP139AIYAHT Datasheet HTML 5Page - Texas Instruments TMP139AIYAHT Datasheet HTML 6Page - Texas Instruments TMP139AIYAHT Datasheet HTML 7Page - Texas Instruments TMP139AIYAHT Datasheet HTML 8Page - Texas Instruments TMP139AIYAHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Power supply, VDDIO
–0.5
2.1
V
Power supply, VDDSPD
–0.5
2.1
V
Input voltage SA
–0.5
2.1
V
Input voltage SCL, SDA
–0.5 VDDIO + 0.3
V
Output sink current SDA
±15
mA
Junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage
VDDIO
0.95
1.0
1.05
V
VDDSPD
1.7
1.8
1.98
V
I/O Voltage
SA
0
VDDSPD +
0.3
V
SCL, SDA
0
VDDIO + 0.3
V
Operating free-air temperature, TA
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
TMP139
UNIT
YAH (WCSP)
6 PINS
RθJA
Junction-to-ambient thermal resistance
116.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.0
°C/W
RθJC(bottom)
Junction-to-case (bottom) thermal resistance
NA
°C/W
RθJB
Junction-to-board thermal resistance
33.6
°C/W
ΨJT
Junction-to-top characterization parameter
0.4
°C/W
ΨJB
Junction-to-board characterization parameter
33.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com