Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 1 Page - Texas Instruments

  TMP139AIYAHT Datasheet HTML 1Page - Texas Instruments TMP139AIYAHT Datasheet HTML 2Page - Texas Instruments TMP139AIYAHT Datasheet HTML 3Page - Texas Instruments TMP139AIYAHT Datasheet HTML 4Page - Texas Instruments TMP139AIYAHT Datasheet HTML 5Page - Texas Instruments TMP139AIYAHT Datasheet HTML 6Page - Texas Instruments TMP139AIYAHT Datasheet HTML 7Page - Texas Instruments TMP139AIYAHT Datasheet HTML 8Page - Texas Instruments TMP139AIYAHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
TMP139 0.5 °C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C
and I3C Interface
1 Features
• Supports JEDEC JESD302-1 DDR5 Grade B
temperature sensor
• Exceeds JEDEC temperature accuracy
specification:
– ±0.25 °C typical
– ±0.5 °C maximum (+75 °C to +95 °C)
– ±0.75 °C maximum (–40 °C to +125 °C)
• Operating temperature range: –40 °C to +125 °C
• Low power consumption:
– 4.7-µA typical average quiescent current
– 0.6-µA typical standby current
• I/O power supply of 1 V
• Core power supply of 1.8 V
• Two wire serial bus interface (I2C and I3C basic
operation modes)
• Up to 12.5-MHz data transfer rate in I3C basic
mode
• In Band Interrupt (IBI) for alerting host
• Parity error check function for host writes
• Packet error check function for host read and
writes
• 11-bit resolution: 0.25 °C (1 LSB)
• Standard 6-ball DSBGA (WCSP) package with
0.5-mm pitch
2 Applications
• DDR5 DIMM modules
• Server
• Laptops
• Workstations
• SSDs
3 Description
The TMP139 is a high-accuracy temperature sensor
with an I2C / I3C compliant digital interface supporting
In Band Interrupts (IBI). Supporting the interface
requirements of JEDEC JESD302-1 for Grade-B
devices, the TMP139 exceeds the temperature
accuracy requirements of the specification, enabling
higher
performance
DDR5
memory
modules.
Available in a compact 6-ball DSBGA package,
TMP139 is designed for high-speed, high-accuracy
and low-power thermal monitoring applications.
The TMP139 has a typical accuracy of ±0.25 °C over
the entire temperature range from –40 °C to +125 °C
and offers an on-chip 11-bit analog-to-digital converter
(ADC) providing a temperature resolution of 0.25 °C.
The TMP139 is designed to operate from a core
power supply of 1.8 V and I/O power supply of 1 V,
with a low typical average quiescent current of 4.7 µA
when performing conversions every 125 ms.
Table 3-1. Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TMP139
DSBGA (6)
1.328 mm × 0.828
mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
TMP139
V
DD IO = 1.0V
V
DD SPD = 1.8V
SDA
SCL
V
DDIO
V
DDSPD
VSS
SA
TMP139
SDA
SCL
V
DDIO
V
DDSPD
VSS
SA
LSCL
LSDA
SPD Hub
Local Sideband Bus
Figure 3-1. Simplified Schematic
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMP139
TMP139
SNIS217 – DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP139AIYAHT

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
130 WATT MEDICAL POWER ADAPTERS
TMP130-05 TRUMPOWER-TMP130-05 Datasheet
183Kb / 2P
130 WATT MEDICAL POWER ADAPTERS
TMP130-07 TRUMPOWER-TMP130-07 Datasheet
183Kb / 2P
130 WATT MEDICAL POWER ADAPTERS
TMP130-10 TRUMPOWER-TMP130-10 Datasheet
183Kb / 2P
130 WATT MEDICAL POWER ADAPTERS
TMP130-12 TRUMPOWER-TMP130-12 Datasheet
183Kb / 2P
130 WATT MEDICAL POWER ADAPTERS
More results

Similar Description - TMP139AIYAHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
P3T1084UK NXP-P3T1084UK Datasheet
737Kb / 45P
I3C, I2C-bus, 0.4 °C accuracy, digital temperature sensor
Rev. 1.0 - 29 March 2023
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com