Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 15Page - Texas Instruments TMP139AIYAHT Datasheet HTML 16Page - Texas Instruments TMP139AIYAHT Datasheet HTML 17Page - Texas Instruments TMP139AIYAHT Datasheet HTML 18Page - Texas Instruments TMP139AIYAHT Datasheet HTML 19Page - Texas Instruments TMP139AIYAHT Datasheet HTML 20Page - Texas Instruments TMP139AIYAHT Datasheet HTML 21Page - Texas Instruments TMP139AIYAHT Datasheet HTML 22Page - Texas Instruments TMP139AIYAHT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
When IBI is enabled, the device can communicate to the host the error conditions seen, using IBI. However
when IBI is not enabled, it is strongly recommended that the host check the error status register to ensure that
no parity or PEC error was detected on the bus.
7.4.4.3 Host I3C Read Operation without PEC
As shown in Figure 7-15 and Figure 7-16, an I3C basic mode read is same as I2C read operation. For all bytes
sent by the device, the 9th bit is the T-bit, which is used by the device and host to negotiate continuation of the
read transfer. During the read phase, the device drives the T-bit as 1, before the rising edge to tell the host that it
can send more bytes or drives the T-bit as 0, to indicate to the host that the device wants to terminate the
transfer and the host shall respond with either a Stop or Repeated Start on the bus. The host may also terminate
the transfer by driving the T-bit as 0, only when device sends the T-bit as 1, which creates a repeated start
condition on the bus. Additionally, the host may send a Stop on the bus. When the IBI is enabled by the host, it
must send the IBI header byte which consists of 7'h7E+R/W = 0, before it sends the device address. This allows
the participating devices on the bus, to arbitrate between themselves if more than one device has an interrupt
condition that needs to be communicated to the host.
S or Sr
0
SA
1
0
HID2
HID1
HID0
R/W=0
RA = Register Address [7:0]
ACK/NACK
T
Data(RA)
Data(RA+1)
...
T=1
T=1
T=1
Data(RA+N)
Sr or P
xxxxx
xxxxx
T=1
Sr
0
SA
1
0
HID2
HID1
HID0
R/W=1
ACK/NACK
Figure 7-15. I3C Basic Mode Read
Sr
0
SA
1
0
HID2
HID1
HID0
R/W=0
RA = Register Address [7:0]
ACK/NACK
T
Data(RA)
Data(RA+1)
...
T=1
T=1
T=1
Data(RA+N)
Sr or P
T=1
Sr
0
SA
1
0
HID2
HID1
HID0
R/W=1
ACK/NACK
S
1
1
1
1
1
1
0
R/W=0
ACK
Figure 7-16. I3C Basic Mode Read with IBI Header
The TMP139 shall NACK the read phase of the transaction if there was a parity error in the write phase before
the repeated start. The device shall also send the T-bit as 0, if the host attempts to read data continuously such
that the internal read address pointer reaches 255, which is the last register in the register map table.
Additionally, if the host attempts to start a new transaction with a Repeated Start to the same device, when there
was a parity error in the previous transaction, then TMP139 shall NACK the device address to indicate an error
condition to the host. The host must first clear the parity error condition before performing any new transfer to the
TMP139. When IBI is enabled, the device can communicate to the host the error conditions seen, using IBI.
However when IBI is not enabled, it is strongly recommended that the host check the error status register to
ensure that no parity error was detected on the bus.
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com