Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 37Page - Texas Instruments TMP139AIYAHT Datasheet HTML 38Page - Texas Instruments TMP139AIYAHT Datasheet HTML 39Page - Texas Instruments TMP139AIYAHT Datasheet HTML 40Page - Texas Instruments TMP139AIYAHT Datasheet HTML 41Page - Texas Instruments TMP139AIYAHT Datasheet HTML 42Page - Texas Instruments TMP139AIYAHT Datasheet HTML 43Page - Texas Instruments TMP139AIYAHT Datasheet HTML 44Page - Texas Instruments TMP139AIYAHT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
Table 7-23. MR27: Interrupt Configuration Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
IBI_TS_HIGH_EN
RW
0
In band interrupt (IBI) enable for temperature sensor high.
0 = Disable. MR51 register TS_HIGH_STATUS bit does not
generate an IBI to host.
1 = Enable. MR51 register TS_HIGH_STATUS bit generates an
IBI to host.
1. IBI_ERROR_EN can only be updated by ENEC CCC, DISEC CCC, RSTDAA CCC or bus reset sequence. A
direct write to the register or through DEVCTRL CCC shall not update the bit and may lead to unpredictable
behavior.
7.6.12 MR28: Temperature Sensor High Limit-Low Byte Configuration (address = 1Ch) [reset = 70h]
The status flag for temperature high limit is set when the result of the temperature conversion is greater than the
programmed value in the MR29 and MR28 registers. The application must ensure that the critical temperature
high limit registers must have a value greater than the temperature high limit registers.
Return to Register Map.
Figure 7-58. MR28: Temperature Sensor High Limit-Low Byte Configuration Register
7
6
5
4
3
2
1
0
TS_HIGH_LIMIT_LOW[7:0]
RW-70h
R-0
R-0
Table 7-24. MR28: Temperature Sensor High Limit-Low Byte Field Descriptions
Bit
Field
Type
Reset
Description
7:0
TS_HIGH_LIMIT_LOW[7:0]
RW
70h
Low byte of the high limit temperature for the thermal sensor.1
MR29 and MR28 together define the high limit for the thermal
sensor.
1. The bits marked as R-0, shall not be updated when host writes 1 and shall read as 0.
7.6.13 MR29: Temperature Sensor High Limit-High Byte Configuration (address = 1Dh) [reset = 03h]
The status flag for temperature high limit is set when the result of the temperature conversion is greater than the
programmed value in the MR29 and MR28 registers. The application must ensure that the critical temperature
high limit registers must have a value greater than the temperature high limit registers.
Return to Register Map.
Figure 7-59. MR29: Temperature Sensor High Limit-High Byte Configuration Register
7
6
5
4
3
2
1
0
TS_HIGH_LIMIT_HIGH[7:0]
R-0
R-0
R-0
RW-03h
Table 7-25. MR29: Temperature Sensor High Limit-High Byte Field Descriptions
Bit
Field
Type
Reset
Description
7:0
TS_HIGH_LIMIT_HIGH[7:0]
RW
03h
High byte of the high limit temperature for the thermal sensor.1
MR29 and MR28 together define the high limit for the thermal
sensor.
1. The bits marked as R-0, shall not be updated when host writes 1 and shall read as 0.
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com