Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 38Page - Texas Instruments TMP139AIYAHT Datasheet HTML 39Page - Texas Instruments TMP139AIYAHT Datasheet HTML 40Page - Texas Instruments TMP139AIYAHT Datasheet HTML 41Page - Texas Instruments TMP139AIYAHT Datasheet HTML 42Page - Texas Instruments TMP139AIYAHT Datasheet HTML 43Page - Texas Instruments TMP139AIYAHT Datasheet HTML 44Page - Texas Instruments TMP139AIYAHT Datasheet HTML 45Page - Texas Instruments TMP139AIYAHT Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
7.6.14 MR30: Temperature Sensor Low Limit-Low Byte Configuration (address = 1Eh) [reset = 00h]
The status flag for critical low limit is set when the result of the temperature conversion is less than the
programmed value in the MR31 and MR30 registers. The application must ensure that the critical temperature
low limit registers must have a value lower than the temperature low limit registers.
Return to Register Map.
Figure 7-60. MR30: Temperature Sensor Low Limit-Low Byte Configuration Register
7
6
5
4
3
2
1
0
TS_LOW_LIMIT_LOW[7:0]
RW-00h
R-0
R-0
Table 7-26. MR30: Temperature Sensor Low Limit-Low Byte Field Descriptions
Bit
Field
Type
Reset
Description
7:0
TS_LOW_LIMIT_LOW[7:0]
RW
00h
Low byte of the low limit temperature for the thermal sensor.1
MR31 and MR30 together define the low limit for the thermal
sensor.
1. The bits marked as R-0, shall not be updated when host writes 1 and shall read as 0.
7.6.15 MR31: Temperature Sensor Low Limit-High Byte Configuration (address = 1Fh) [reset = 00h]
The status flag for critical low limit is set when the result of the temperature conversion is less than the
programmed value in the MR31 and MR30 registers. The application must ensure that the critical temperature
low limit registers must have a value lower than the temperature low limit registers.
Return to Register Map.
Figure 7-61. MR31: Temperature Sensor Low Limit-High Byte Configuration Register
7
6
5
4
3
2
1
0
TS_LOW_LIMIT_HIGH[7:0]
R-0
R-0
R-0
RW-00h
Table 7-27. MR31: Temperature Sensor Low Limit-High Byte Field Descriptions
Bit
Field
Type
Reset
Description
7:0
TS_LOW_LIMIT_HIGH[7:0]
RW
00h
High byte of the low limit temperature for the thermal sensor.1
MR31 and MR30 together define the low limit for the thermal
sensor.
1. The bits marked as R-0, shall not be updated when host writes 1 and shall read as 0.
7.6.16 MR32: Temperature Sensor Critical High Temperature Limit-Low Byte Configuration (address =
20h) [reset = 50h]
The status flag for critical temperature high limit is set when the result of the temperature conversion is greater
than the programmed value in the MR33 and MR32 registers. The application must ensure that the critical
temperature high limit registers must have a value greater than the temperature high limit registers.
Return to Register Map.
Figure 7-62. MR32: Temperature Sensor Critical Temperature High Limit-Low Byte Configuration Register
7
6
5
4
3
2
1
0
TS_CRIT_HIGH_LIMIT_LOW[7:0]
RW-50h
R-0
R-0
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com