Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 7Page - Texas Instruments TMP139AIYAHT Datasheet HTML 8Page - Texas Instruments TMP139AIYAHT Datasheet HTML 9Page - Texas Instruments TMP139AIYAHT Datasheet HTML 10Page - Texas Instruments TMP139AIYAHT Datasheet HTML 11Page - Texas Instruments TMP139AIYAHT Datasheet HTML 12Page - Texas Instruments TMP139AIYAHT Datasheet HTML 13Page - Texas Instruments TMP139AIYAHT Datasheet HTML 14Page - Texas Instruments TMP139AIYAHT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
2. Within time tINIT, enables the interface to accept the command from the host.
The device always powers up in the I2C mode of operation.
7.3.2 Power-Down and Device Reset
When the VDDSPD supply decreases, the device operation is not ensured below VDDSPD(min) level. To ensure that
the device operates correctly, the application must ensure that the VDDIO and VDDSPD must remain below VPOFF
for TPOFF as shown in Figure 7-3. Once the condition is met, the device shall be reset properly and the power-up
sequence will initialize the device correctly.
VDDSPD
VDDIO
VPOFF(max)
tPOFF(min)
Ready to accept I
2C
co mmand
Figure 7-3. Power-Down and Reset Sequence
7.3.3 Temperature Result and Limits
All temperature result and limit registers are eleven bit values stored in two consecutive registers. The low byte
register comes first followed by the high byte register as shown in Table 7-1 for the register map. The data is
represented as a 11-bit signed number with the most significant bit for the temperature format being the signed
bit. Each of the temperature value bits is assigned a weight which can be used to compute the temperature
value. All unused bits read as 0 and any attempt to write a unused bit shall have no effect. The resolution of the
temperature result and limit registers is always 0.25 °C and the values can range from –255.75 °C to +255.75
°C, even though the recommended operating range is from –40 °C to +125 °C.
Table 7-1. Temperature Register Format
REGISTER
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Low Byte
8
4
2
1
0.5
0.25
RSVD = 0
RSVD = 0
High Byte
RSVD = 0
RSVD = 0
RSVD = 0
Sign
128
64
32
16
The Table 7-2 shows examples of the temperature register read and its corresponding conversion in °C.
Table 7-2. Temperature Register Examples
TEMPERATURE (°C)
HIGH BYTE
LOW BYTE
+255.75
0000 1111
1111 1100
+125
0000 0111
1101 0000
+95
0000 0101
1111 0000
+85
0000 0101
0101 0000
+75
0000 0100
1011 0000
+1
0000 0000
0001 0000
+0.25
0000 0000
0000 0100
0
0000 0000
0000 0000
–0.25
0001 1111
1111 1100
–1
0001 1111
1111 0000
–25
0001 1110
0111 0000
–40
0001 1101
1000 0000
–255.75
0001 0000
0000 0000
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com