Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 18Page - Texas Instruments TMP139AIYAHT Datasheet HTML 19Page - Texas Instruments TMP139AIYAHT Datasheet HTML 20Page - Texas Instruments TMP139AIYAHT Datasheet HTML 21Page - Texas Instruments TMP139AIYAHT Datasheet HTML 22Page - Texas Instruments TMP139AIYAHT Datasheet HTML 23Page - Texas Instruments TMP139AIYAHT Datasheet HTML 24Page - Texas Instruments TMP139AIYAHT Datasheet HTML 25Page - Texas Instruments TMP139AIYAHT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
The TMP139 shall NACK the address phase, during a Repeated Start, if there was an error in the previous
transaction.
7.4.5 In Band Interrupt
The In Band Interrupt (IBI) is an elegant method to inform the host of an event in the TMP139. There are two
types of events that the TMP139 generates:
1. Error event: Events corresponding to parity or PEC error.
2. Temperature event: Events corresponding to the temperature exceeding the higher temperature limits or
falling below the lower temperature limits.
By default, all interrupt sources are disabled when the device powers up. The interrupt source can only be
enabled when the device is in I3C basic mode of operation, as enabling the interrupt source shall generate an
IBI which is not allowed in I2C mode of operation. An IBI can only be requested by the TMP139 when the bus
has been in an inactive state for the TAVAL period. Once the condition for an inactive state on the bus is met, and
there is no bus transaction, the TMP139 shall initiate an IBI by driving the SDA low to indicate to the host of a
pending IBI.
7.4.5.1 In Band Interrupt Arbitration Rules
Based on the state of the host controller readiness and due to the fact that there are multiple devices on the bus,
the IBI generation and arbitration must follow some rules, as described below. All of these conditions assume
that the bus has been inactive for TAVAL period.
1. When the host controller starts a write or read with IBI header, TMP139 shall start driving its own address on
the bus. The host on seeing a value other than the IBI header shall no longer drive the SDA, allowing the
TMP139 to transmit its device header along with R/W bit set to 1.
2. If the host controller can accept the IBI from the device, it shall ACK the device address, release the bus on
the falling edge of SCL and shall accept the bytes sent by the TMP139.
3. If the host controller cannot accept the IBI from the device, it shall NACK the device address and issue a Stop
condition on the bus. The TMP139 shall retry another IBI only after TAVAL period.
4. When the host controller starts a write or read without an IBI header to a device on the bus which has a lower
device address than the TMP139, the device on detecting a mismatch, shall no longer participate on the bus
and retry another IBI only after TAVAL period.
5. When the host controller starts a write or read without an IBI header to a device on the bus which has a
higher device address than the TMP139, the device wins the bus arbitration and the host shall no longer
participate on the bus. The host may accept the IBI by sending an ACK or disregard the IBI by sending a
NACK. In the latter case, TMP139 shall retry another IBI only after TAVAL period.
6. When the host controller starts a write or read transaction without an IBI header to the TMP139 which is also
requesting an IBI, either the host or TMP139 can win.
7. If the host controller starts a write transaction, then it shall win the bus arbitration and the TMP139 shall let go
of the bus. The TMP139 shall retry another IBI only after TAVAL period.
8. If the host controller starts a read transaction, then all the bits shall match. However at this point the host is
expecting an ACK from the TMP139 for the read request, while the TMP139 is waiting for an ACK from the
host for the IBI. As a result there shall be a NACK on the bus. In such a case, the TMP139 shall retry the IBI
only after TAVAL period. However if the host issues start (or Repeated Start) and attempts the read transaction
before the TAVAL period, it shall get an ACK from the TMP139 and the host read shall win the arbitration on
the bus.
9. As described above, in the case when there are multiple devices initiating an IBI at the same time, the device
which has the lowest device address shall win the bus arbitration and the TMP139 when it detects a loss on
the bus arbitration, shall retry another IBI only after TAVAL period
7.4.5.2 In Band Interrupt Bus Transaction
As shown in Figure 7-23 and Figure 7-24, when the device has to send an IBI, wins arbitration on the bus and
the IBI is ACK by the host, it shall always send the mandatory data byte (MDB) as 8'h00, followed by the MR51
and MR52 register values. After transmitting the last byte, it shall set the T-bit as 0, after which the host controller
must send a Stop condition on the bus.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com