Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 31Page - Texas Instruments TMP139AIYAHT Datasheet HTML 32Page - Texas Instruments TMP139AIYAHT Datasheet HTML 33Page - Texas Instruments TMP139AIYAHT Datasheet HTML 34Page - Texas Instruments TMP139AIYAHT Datasheet HTML 35Page - Texas Instruments TMP139AIYAHT Datasheet HTML 36Page - Texas Instruments TMP139AIYAHT Datasheet HTML 37Page - Texas Instruments TMP139AIYAHT Datasheet HTML 38Page - Texas Instruments TMP139AIYAHT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
7.6 Register Map
Table 7-11. TMP139 Register Map
ADDRESS
TYPE
RESET
REGISTER NAME
REGISTER DESCRIPTION
SECTION
00h
R
51h
MR0
Device Type; Most Significant Byte
Go
01h
R
10h
MR1
Device Type: Least Significant Byte
Go
02h
R
02h
MR2
Device Revision
Go
03h
R
80h
MR3
Vendor ID Byte 0
Go
04h
R
97h
MR4
Vendor ID Byte 1
Go
07h
RW
0Eh
MR7
Device Configuration - HID
Go
12h
RW
00h
MR18
Device Configuration
Go
13h
W1C
00h
MR19
Clear Register MR51 Temperature Status
Command
Go
14h
W1C
00h
MR20
Clear Register MR52 Error Status Command
Go
1Ah
RW
00h
MR26
TS Configuration
Go
1Bh
RW
00h
MR27
Interrupt Configurations
Go
1Ch
RW
70h
MR28
TS Temp High Limit Configuration - Low Byte
Go
1Dh
RW
03h
MR29
TS Temp High Limit Configuration - High Byte
Go
1Eh
RW
00h
MR30
TS Temp Low Limit Configuration - Low Byte
Go
1Fh
RW
00h
MR31
TS Temp Low Limit Configuration - High Byte
Go
20h
RW
50h
MR32
TS Critical Temp High Limit Configuration - Low
Byte
Go
21h
RW
05h
MR33
TS Critical Temp High Limit Configuration -
High Byte
Go
22h
RW
00h
MR34
TS Critical Temp Low Limit Configuration - Low
Byte
Go
23h
RW
00h
MR35
TS Critical Temp Low Limit Configuration - High
Byte
Go
30h
R
00h
MR48
Device Status
Go
31h
R
00h
MR49
TS Current Sensed Temperature - Low Byte
Go
32h
R
00h
MR50
TS Current Sensed Temperature - High Byte
Go
33h
R
00h
MR51
TS Temperature Status
Go
34h
R
00h
MR52
Miscellaneous Error Status
Go
Table 7-12. Register Section Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RC
R
C
Read
to Clear
RV
RV
Reserved for future expansion
Write Type
W
W
Write
W1C
W
1C
W
1 to clear
Reset or Default Value
-n
Value after reset or the default
value
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com