Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 32Page - Texas Instruments TMP139AIYAHT Datasheet HTML 33Page - Texas Instruments TMP139AIYAHT Datasheet HTML 34Page - Texas Instruments TMP139AIYAHT Datasheet HTML 35Page - Texas Instruments TMP139AIYAHT Datasheet HTML 36Page - Texas Instruments TMP139AIYAHT Datasheet HTML 37Page - Texas Instruments TMP139AIYAHT Datasheet HTML 38Page - Texas Instruments TMP139AIYAHT Datasheet HTML 39Page - Texas Instruments TMP139AIYAHT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
7.6.1 MR0: Device Type, Most Significant Byte (address = 00h) [reset = 51h]
Return to Register Map.
Figure 7-47. MR0: Device Type Register
7
6
5
4
3
2
1
0
MSB_DEV_TYPE[7:0]
R-51h
Table 7-13. MR0: Device Type Field Descriptions
Bit
Field
Type
Reset
Description
7:0
MSB_DEV_TYPE[7:0]
R
51h
Device type most significant byte. Used in conjunction with MR1
register.
7.6.2 MR1: Device Type, Least Significant Byte (address = 01h) [reset = 10h]
Return to Register Map.
Figure 7-48. MR1: Device Type Register
7
6
5
4
3
2
1
0
LSB_DEV_TYPE[7:0]
R-10h
Table 7-14. MR1: Device Type Field Descriptions
Bit
Field
Type
Reset
Description
7:0
LSB_DEV_TYPE[7:0]
R
10h
Device type least significant byte. Used in conjunction with MR0
register.
Indicates a Grade-B temperature sensor
7.6.3 MR2: Device Revision (address = 02h) [reset = 02h]
Return to Register Map.
Figure 7-49. MR2: Device Revision Register
7
6
5
4
3
2
1
0
Reserved
DEV_REV_MAJOR[1:0]
DEV_REV_MINOR[2:0]
Reserved
R-00
R-00
R-001
R-0
Table 7-15. MR2: Device Revision Field Descriptions
Bit
Field
Type
Reset
Description
7:6
Reserved
R
00
Reserved
5:4
DEV_REV_MAJOR[1:0]
R
00
Indicates the major revision number
3:1
DEV_REV_MINOR[2:0]
R
001
Indicates the minor revision number
0
Reserved
R
0
Reserved
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com