Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 42Page - Texas Instruments TMP139AIYAHT Datasheet HTML 43Page - Texas Instruments TMP139AIYAHT Datasheet HTML 44Page - Texas Instruments TMP139AIYAHT Datasheet HTML 45Page - Texas Instruments TMP139AIYAHT Datasheet HTML 46Page - Texas Instruments TMP139AIYAHT Datasheet HTML 47Page - Texas Instruments TMP139AIYAHT Datasheet HTML 48Page - Texas Instruments TMP139AIYAHT Datasheet HTML 49Page - Texas Instruments TMP139AIYAHT Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Table 7-35. MR51: Temperature Status Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
TS_HIGH_STATUS
R
0
Temperature sensor high status
0 = Temperature is below the limit set in registers MR29 and
MR28.
1 = Temperature is above the limit set in registers MR29 and
MR28.
7.6.24 MR52: Miscellaneous Error Status (address = 34h) [reset = 00h]
The MR52 register stores the status for PEC checksum failure when PEC mode is enabled and parity error on
the T-bit when the host writes to the device in I3C mode.
Return to Register Map.
Figure 7-70. MR52: Miscellaneous Error Status Register
7
6
5
4
3
2
1
0
Reserved
PEC_ERROR_S
TATUS
PAR_ERROR_S
TATUS
R-00h
R-0
R-0
Table 7-36. MR52: Miscellaneous Error Status Field Descriptions
Bit
Field
Type
Reset
Description
7:2
Reserved
R
00
Reserved
1
PEC_ERROR_STATUS
R
0
Packet error status.
0 = No PEC error.
1 = PEC error in one or more packets.
0
PAR_ERROR_STATUS
R
0
Parity check error status
0 = No parity error.
1 = Parity error in one or more bytes.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
46
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com