Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 6Page - Texas Instruments TMP139AIYAHT Datasheet HTML 7Page - Texas Instruments TMP139AIYAHT Datasheet HTML 8Page - Texas Instruments TMP139AIYAHT Datasheet HTML 9Page - Texas Instruments TMP139AIYAHT Datasheet HTML 10Page - Texas Instruments TMP139AIYAHT Datasheet HTML 11Page - Texas Instruments TMP139AIYAHT Datasheet HTML 12Page - Texas Instruments TMP139AIYAHT Datasheet HTML 13Page - Texas Instruments TMP139AIYAHT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
7 Detailed Description
7.1 Overview
The TMP139 is a high-accuracy temperature sensor that supports a power-up sequence, power-down and
device reset, parity and packet error check functions, In Band Interrupts (IBI), and common command codes
(CCC).
7.2 Functional Block Diagram
SDA
SCL
VDDIO
VDDSPD
VSS
SA
I3C Serial Interface
Control Logic
Temperature
Sensor
ADC
VDDIO = 1.0V
VDDSPD = 1.8V
Temperature
Sensor Registers
Figure 7-1. TMP139 Functional Block Diagram
7.3 Feature Description
7.3.1 Power-Up Sequence
The TMP139 has two supply pins: VDDSPD which is the core supply, and VDDIO which is the IO supply. To ensure
that the device starts up correctly, the application must power up VDDSPD first followed by VDDIO. Additionally, the
power-on reset (POR) circuit is implemented to prevent improper operation in case of an incorrect power-up
sequence.
As shown in Figure 7-2, the VDDSPD supply is applied first and must rise monotonically between VPON(min) and
VDDSPD(min) without ring back. The VDDIO supply must ramp up next and must reach the correct level before any
operation can be performed.
VDDSPD
VDDIO
VPON(min)
VDDSPD(min)
VDDIO(min)
tSENSE_SA
tINIT
Ready to accept I
2C
co mmand
Figure 7-2. Power-Up Sequence
When the VDDSPD and VDDIO supply have ramped up above the minimum threshold values, the TMP139
performs the following steps:
1. Within the time tSENSE_SA, the device samples the SA pin to configure the LID code which forms part of the
device address.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com