Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 23Page - Texas Instruments TMP139AIYAHT Datasheet HTML 24Page - Texas Instruments TMP139AIYAHT Datasheet HTML 25Page - Texas Instruments TMP139AIYAHT Datasheet HTML 26Page - Texas Instruments TMP139AIYAHT Datasheet HTML 27Page - Texas Instruments TMP139AIYAHT Datasheet HTML 28Page - Texas Instruments TMP139AIYAHT Datasheet HTML 29Page - Texas Instruments TMP139AIYAHT Datasheet HTML 30Page - Texas Instruments TMP139AIYAHT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
0x29
T
Sr or P
S or Sr
1
1
1
1
1
1
0
ACK
R/W=0
Figure 7-35. SETAASA CCC
Note
TMP139 NACKs the SETAASA CCC if the previous CCC transaction has a parity error and the host
starts the transaction with a Repeated Start.
7.4.6.5 GETSTATUS CCC
The GETSTATUS CCC is issued by the host controller to the TMP139 to get the status of any pending parity
error, PEC error, or interrupt event. Once the GETSTATUS is received, the TMP139 shall not clear the status
and host must issue additional transactions on the bus to clear the status flags individually or by writing 1'b1 to
the MR27 register CLR_GLOBAL bit.
The command is issued only in direct mode as shown in Figure 7-36, when PEC is disabled, and in Figure 7-37,
when PEC is enabled. In the latter case, the host controller shall append the PEC byte calculated on all bytes
except the byte with 7'h7E and R/W=0 after the Start or Repeated Start. The TMP139 calculates the PEC on the
data bytes that are sent to the host.
0x90
T
T=1
S or Sr
1
1
1
1
1
1
0
ACK/NACK
R/W=0
Sr
0
SA
1
0
HID2
HID1
HID0
ACK/NACK
R/W=1
PEC_Err
0
0
0
0
0
0
0
Sr or P
T=0
0
0
P_Err
0
PENDIN G INTERRUPT
Figure 7-36. GETSTATUS CCC Direct
0x90
T
T=1
S or Sr
1
1
1
1
1
1
0
ACK/NACK
R/W=0
Sr
0
SA
1
0
HID2
HID1
HID0
ACK/NACK
R/W=1
PEC_Err
0
0
0
0
0
0
0
Sr or P
T=0
0
0
P_Err
0
PENDIN G INTERRUPT
PEC
T
PEC
T=1
Figure 7-37. GETSTATUS CCC Direct with PEC Enabled
Note
TMP139 NACKs the GETSTATUS CCC if the previous transaction has a parity or PEC error and the
host starts the transaction with a Repeated Start.
7.4.6.6 DEVCAP CCC
The DEVCAP CCC is issued by the host controller to the TMP139, to get the optional device capabilities that are
supported as given in Table 7-7.
The command is issued only in direct mode as shown in Figure 7-38, when PEC is disabled, and in Figure 7-39,
when PEC is enabled. In the latter case the host controller shall append the PEC byte calculated on all bytes
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com