Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 34Page - Texas Instruments TMP139AIYAHT Datasheet HTML 35Page - Texas Instruments TMP139AIYAHT Datasheet HTML 36Page - Texas Instruments TMP139AIYAHT Datasheet HTML 37Page - Texas Instruments TMP139AIYAHT Datasheet HTML 38Page - Texas Instruments TMP139AIYAHT Datasheet HTML 39Page - Texas Instruments TMP139AIYAHT Datasheet HTML 40Page - Texas Instruments TMP139AIYAHT Datasheet HTML 41Page - Texas Instruments TMP139AIYAHT Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
7.6.7 MR18: Device Configuration (address = 12h) [reset = 00h]
The MR18 register is used to configure the device features. In I3C mode, it allows the PEC to be enabled and
Parity (T-bit) to be disabled. It also controls the default read address mode for both I2C and I3C bus operations.
The burst length for the PEC byte is allowed only in I3C mode and the host controller must not update the bit in
the I2C mode of operation.
Return to Register Map.
Figure 7-53. MR18: Device Configuration Register
7
6
5
4
3
2
1
0
PEC_EN
PAR_DIS
INF_SEL
DEF_RD_ADDR
_POINT_EN
DEF_RD_ADDR_POINT_Star
t[1:0]
DEF_RD_ADDR_
POINT_BL
Reserved
RW-0
RW-0
R-0
RW-0
RW-0
RW-0
R-0
Table 7-19. MR18: Device Configuration Field Descriptions
Bit
Field
Type
Reset
Description
7
PEC_EN
RW
0
PEC enable1
0 = PEC is disabled
1 = PEC is enabled
6
PAR_DIS
RW
0
Parity (T-bit) disable1
0 = Parity or T-bit is enabled
1 = Parity or T-bit is disabled
5
INF_SEL
R
0
Interface selection
0 = I2C protocol (maximum speed of 1 MHz)
1 = I3C basic protocol
4
DEF_RD_ADDR_POINT_EN
RW
0
Default read address pointer enable
0 = Disable default read address pointer (address pointer is set
by host)
1 = Enable default read address pointer (address selected by
MR7 register, DEF_RD_ADDR_POINT_Start[1:0] bits
3:2
DEF_RD_ADDR_POINT_Start[1:0]
RW
00
Default read address pointer starting address2
00 = MR49 register
01 = Reserved
10 = Reserved
11 = Reserved
1
DEF_RD_ADDR_POINT_BL
RW
0
Burst length for read pointer address for PEC calculation
0 = 2 bytes
1 = 4 bytes
0
Reserved
R
0
Reserved
1. PEC enable and parity disable are automatically updated when RSTDAA CCC is issued on the bus or a bus
reset sequence is applied.
2. Setting any of the reserved values shall result in unpredictable behavior from TMP139.
Note
Any host transaction which results in write or update to MR18 register must be immediately followed
by a Stop condition. A Repeated Start may result in unpredictable behavior.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
38
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com