Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHT
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHT Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP139AIYAHT Datasheet HTML 20Page - Texas Instruments TMP139AIYAHT Datasheet HTML 21Page - Texas Instruments TMP139AIYAHT Datasheet HTML 22Page - Texas Instruments TMP139AIYAHT Datasheet HTML 23Page - Texas Instruments TMP139AIYAHT Datasheet HTML 24Page - Texas Instruments TMP139AIYAHT Datasheet HTML 25Page - Texas Instruments TMP139AIYAHT Datasheet HTML 26Page - Texas Instruments TMP139AIYAHT Datasheet HTML 27Page - Texas Instruments TMP139AIYAHT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Table 7-6. Supported CCC (continued)
CCC
Mode
Code
Description
Applicable in I2C Mode
Applicable in I3C
Mode
SETAASA
Broadcast
0x29
Put the device in I3C Basic
Mode
Yes
No
GETSTATUS
Direct
0x90
Get Device Status
No
Yes
DEVCAP
Direct
0xE0
Get Device Capability
No
Yes
SETHID
Broadcast
0x61
TMP139 updates 3-bit HID
field
Yes
No
DEVCTRL
Broadcast
0x62
Configure Device
Yes
Yes
7.4.6.1 ENEC CCC
The ENEC CCC is issued by the host controller to enable the event interrupt generation. The CCC takes effect
after a Stop has been issued by the host controller. Once the ENEC is received, the TMP139 shall update the
MR27 register bit IBI_ERROR_EN to 1'b1.
Note
It is illegal for the host controller to send the ENINT bit as 0.
The command may be issued either as a broadcast command or as a direct command to TMP139 as shown in
Figure 7-25 and Figure 7-26.
0x00
T
0x00
Sr or P
T
S or Sr
1
1
1
1
1
1
0
ENINT
ACK/NACK
R/W=0
Figure 7-25. ENEC CCC Broadcast
0x80
T
0x00
Sr or P
T
S or Sr
1
1
1
1
1
1
0
ENINT
ACK/NACK
R/W=0
Sr
0
SA
1
0
HID2
HID1
HID0
ACK/NACK
R/W=0
Figure 7-26. ENEC CCC Direct
The command may be issued either as a broadcast or as a direct command, as shown in Figure 7-27 and Figure
7-28, with PEC Enabled. In such a case the host controller shall append the PEC byte calculated on all bytes
except the byte with 7'h7E and R/W=0 after the Start or Repeated Start.
0x00
T
0x00
Sr or P
T
S or Sr
1
1
1
1
1
1
0
ENINT
ACK/NACK
R/W=0
PEC
T
Figure 7-27. ENEC CCC Broadcast with PEC Enabled
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com