Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 111 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 111 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 107Page - Texas Instruments XIO2000AI Datasheet HTML 108Page - Texas Instruments XIO2000AI Datasheet HTML 109Page - Texas Instruments XIO2000AI Datasheet HTML 110Page - Texas Instruments XIO2000AI Datasheet HTML 111Page - Texas Instruments XIO2000AI Datasheet HTML 112Page - Texas Instruments XIO2000AI Datasheet HTML 113Page - Texas Instruments XIO2000AI Datasheet HTML 114Page - Texas Instruments XIO2000AI Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 165 page
background image
PCI Express Extended Configuration Space
102
April 2007 Revised October 2008
SCPS155C
5.7
Correctable Error Mask Register
The correctable error mask register controls the reporting of individual errors as they occur. When a mask bit
is set to 1b, the corresponding error status bit is not set, PCI Express error messages are blocked, the header
log is not loaded, and the first error pointer is not updated. See Table 5−6 for a complete description of the
register contents.
PCI Express extended register offset:
114h
Register type:
Read-only, Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5−6. Correctable Error Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:13
RSVD
R
Reserved. Returns 000 0000 0000 0000 0000b when read.
12†
REPLAY_TMOUT_MASK
RW
Replay timer time-out mask.
0 = Error condition is unmasked (default)
1 = Error condition is masked
11:9
RSVD
R
Reserved. Returns 000b when read.
8†
REPLAY_ROLL_MASK
RW
REPLAY_NUM rollover mask.
0 = Error condition is unmasked (default)
1 = Error condition is masked
7†
BAD_DLLP_MASK
RW
Bad DLLP error mask.
0 = Error condition is unmasked (default)
1 = Error condition is masked
6†
BAD_TLP_MASK
RW
Bad TLP error mask.
0 = Error condition is unmasked (default)
1 = Error condition is masked
5:1
RSVD
R
Reserved. Returns 00000b when read.
0†
RX_ERROR_MASK
RW
Receiver error mask.
0 = Error condition is unmasked (default)
1 = Error condition is masked
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com