Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 114 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 114 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 110Page - Texas Instruments XIO2000AI Datasheet HTML 111Page - Texas Instruments XIO2000AI Datasheet HTML 112Page - Texas Instruments XIO2000AI Datasheet HTML 113Page - Texas Instruments XIO2000AI Datasheet HTML 114Page - Texas Instruments XIO2000AI Datasheet HTML 115Page - Texas Instruments XIO2000AI Datasheet HTML 116Page - Texas Instruments XIO2000AI Datasheet HTML 117Page - Texas Instruments XIO2000AI Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 165 page
background image
PCI Express Extended Configuration Space
105
April 2007 Revised October 2008
SCPS155C
5.11 Secondary Uncorrectable Error Mask Register
The secondary uncorrectable error mask register controls the reporting of individual errors as they occur.
When a mask bit is set to 1b, the corresponding error status bit is not set, PCI Express error messages are
blocked, the header log is not loaded, and the first error pointer is not updated. See Table 5−9 for a complete
description of the register contents.
PCI Express extended register offset:
130h
Register type:
Read-only, Read/Write
Default value:
0000 17A8h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
1
0
1
1
1
1
0
1
0
1
0
0
0
Table 5−9. Secondary Uncorrectable Error Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
R
Reserved. Returns 00 0000 0000 0000 0000b when read.
13†
BRIDGE_ERROR_MASK
RW
Internal bridge error. This mask bit is associated with a PCI-X error and has no effect
on the bridge.
12†
SERR_DETECT_MASK
RW
SERR assertion detected
0 = Error condition is unmasked
1 = Error condition is masked (default)
11†
PERR_DETECT_MASK
RW
PERR assertion detected
0 = Error condition is unmasked (default)
1 = Error condition is masked
10†
DISCARD_TIMER_MASK
RW
Delayed transaction discard timer expired
0 = Error condition is unmasked
1 = Error condition is masked (default)
9†
UNCOR_ADDR_MASK
RW
Uncorrectable address error
0 = Error condition is unmasked
1 = Error condition is masked (default)
8†
ATTR_ERROR_MASK
RW
Uncorrectable attribute error. This mask bit is associated with a PCI-X error and has no
effect on the bridge.
7†
UNCOR_DATA_MASK
RW
Uncorrectable data error
0 = Error condition is unmasked
1 = Error condition is masked (default)
6†
SC_MSG_DATA_MASK
RW
Uncorrectable split completion message data error. This mask bit is associated with a
PCI-X error and has no effect on the bridge.
5†
SC_ERROR_MASK
RW
Unexpected split completion error. This mask bit is associated with a PCI-X error and
has no effect on the bridge.
4
RSVD
R
Reserved. Returns 0b when read.
3†
MASTER_ABORT_MASK
RW
Received master abort
0 = Error condition is unmasked
1 = Error condition is masked (default)
2†
TARGET_ABORT_MASK
RW
Received target abort
0 = Error condition is unmasked (default)
1 = Error condition is masked
1†
SC_MSTR_ABORT_MASK
RW
Master abort on split completion. This mask bit is associated with a PCI-X error and
has no effect on the bridge.
0
RSVD
R
Reserved. Returns 0b when read.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com