Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 115 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 115 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 111Page - Texas Instruments XIO2000AI Datasheet HTML 112Page - Texas Instruments XIO2000AI Datasheet HTML 113Page - Texas Instruments XIO2000AI Datasheet HTML 114Page - Texas Instruments XIO2000AI Datasheet HTML 115Page - Texas Instruments XIO2000AI Datasheet HTML 116Page - Texas Instruments XIO2000AI Datasheet HTML 117Page - Texas Instruments XIO2000AI Datasheet HTML 118Page - Texas Instruments XIO2000AI Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 165 page
background image
PCI Express Extended Configuration Space
106
April 2007 Revised October 2008
SCPS155C
5.12 Secondary Uncorrectable Error Severity Register
The uncorrectable error severity register controls the reporting of individual errors as ERR_FATAL or
ERR_NONFATAL. When a bit is set, the corresponding error condition is identified as fatal. When a bit is
cleared, the corresponding error condition is identified as nonfatal. See Table 5−10 for a complete description
of the register contents.
PCI Express extended register offset:
134h
Register type:
Read-only, Read/Write
Default value:
0000 1340h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
1
0
0
1
1
0
1
0
0
0
0
0
0
Table 5−10. Secondary Uncorrectable Error Severity Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
R
Reserved. Returns 00 0000 0000 0000 0000b when read.
13†
BRIDGE_ERROR_SEVR
RW
Internal bridge error. This severity bit is associated with a PCI-X error and has no
effect on the bridge.
12†
SERR_DETECT_SEVR
RW
SERR assertion detected
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL (default)
11†
PERR_DETECT_SEVR
RW
PERR assertion detected
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
10†
DISCARD_TIMER_SEVR
RW
Delayed transaction discard timer expired
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
9†
UNCOR_ADDR_SEVR
RW
Uncorrectable address error
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL (default)
8†
ATTR_ERROR_SEVR
RW
Uncorrectable attribute error. This severity bit is associated with a PCI-X error and has
no effect on the bridge.
7†
UNCOR_DATA_SEVR
RW
Uncorrectable data error
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
6†
SC_MSG_DATA_SEVR
RW
Uncorrectable split completion message data error. This severity bit is associated with
a PCI-X error and has no effect on the bridge.
5†
SC_ERROR_SEVR
RW
Unexpected split completion error. This severity bit is associated with a PCI-X error
and has no effect on the bridge.
4
RSVD
R
Reserved. Returns 0b when read.
3†
MASTER_ABORT_SEVR
RW
Received master abort
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
2†
TARGET_ABORT_SEVR
RW
Received target abort
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
1†
SC_MSTR_ABORT_SEVR
RW
Master abort on split completion. This severity bit is associated with a PCI-X error and
has no effect on the bridge.
0
RSVD
R
Reserved. Returns 0b when read.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com