Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 43Page - Analog Devices AD9546/PCBZ Datasheet HTML 44Page - Analog Devices AD9546/PCBZ Datasheet HTML 45Page - Analog Devices AD9546/PCBZ Datasheet HTML 46Page - Analog Devices AD9546/PCBZ Datasheet HTML 47Page - Analog Devices AD9546/PCBZ Datasheet HTML 48Page - Analog Devices AD9546/PCBZ Datasheet HTML 49Page - Analog Devices AD9546/PCBZ Datasheet HTML 50Page - Analog Devices AD9546/PCBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 47 of 205
TERMINOLOGY
Zero Delay
Zero delay is a PLL-based clock architecture that establishes
zero phase offset between the output clock signal and input
clock signal. A zero delay architecture requires an Integer N
type PLL, by definition, because there must be a harmonic
relationship between the input and output frequencies to
preserve a static phase relationship between input and output
edges. Note that zero delay provides a zero input to output phase
offset in the static (steady state) sense only. That is, transient
events may cause the PLL to slew its output phase, which tempo-
rarily breaks the zero delay condition (for example, when the
PLL is in the process of phase or frequency acquisition). An
example of a transient event is when a multiple input PLL
switches from one input reference signal to another.
Hitless Switchover
Hitless switchover applies to PLLs that can switch between
multiple input clock signals (usually operating at the same
frequency). Generally, the multiple input clock signals are not
phase aligned. Therefore, switching from one to another can
create a substantial phase transient in the output clock signal.
Hitless switchover limits the phase transient at the output by
allowing the output clock signal to slew its phase in a prescribed
manner to accommodate the phase of the new reference signal
(typically by limiting the output frequency deviation to some
prescribed maximum value). A PLL employing hitless switchover
capability requires the output/input frequency ratio to be an
integer greater than or equal to one. Otherwise, the output
period constitutes phase in excess of 360° relative to the input
period, which creates unresolvable phase ambiguity.
Note that the output phase transient limitation imposed by hitless
switchover also applies any time the PLL is in the process of
phase or frequency acquisition (that is, it is not necessarily
limited to a reference clock switchover). A phase transient
limitation exists in hitless operation because the primary enabler
for hitless operation is the use of a narrow loop bandwidth,
which governs the transient characteristics of the PLL in
general.
Phase Buildout Switchover
Phase buildout switchover applies to PLLs that can switch
between multiple input clock signals (usually operating at the
same frequency). Generally, the multiple input clock signals are
not phase aligned. Therefore, switching from one to another
can create a substantial phase transient in the output clock
signal. Phase buildout capability enables the PLL to absorb the
phase difference between the original and the switched to
reference clock signals, thereby preventing a phase disturbance
in the output clock signal (unlike hitless switchover, which
gradually slews the output phase to the new input phase).
Because phase buildout operation prevents a disturbance in the
phase of the output clock signal, there is no guarantee of phase
alignment between the input and output clock signals. Unlike
hitless switchover, phase buildout places no restriction on the
output/input frequency ratio.
For more information, see the AN-1420 Application Note.
Time Base
Time base is a frequency source, the period of which denotes
the passage of time.
Time Scale
Time scale is the accumulation of the periods of a time base. A
time scale allows identifying a particular instant as having a
particular time value. The starting point of a time scale (its
epoch) is arbitrary.
Epoch
Epoch is the starting time associated with a time scale. For
example, the epoch of the UTC time scale is midnight,
January 1, 1970.
Time Stamp
In the context of this data sheet, time stamp is a digital
(numeric) time value with an arbitrary epoch suitable for
internal device usage.
Time Code
In the context of this data sheet, time code is a time stamp with
a defined epoch suitable for general usage external to the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com