Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 44Page - Analog Devices AD9546/PCBZ Datasheet HTML 45Page - Analog Devices AD9546/PCBZ Datasheet HTML 46Page - Analog Devices AD9546/PCBZ Datasheet HTML 47Page - Analog Devices AD9546/PCBZ Datasheet HTML 48Page - Analog Devices AD9546/PCBZ Datasheet HTML 49Page - Analog Devices AD9546/PCBZ Datasheet HTML 50Page - Analog Devices AD9546/PCBZ Datasheet HTML 51Page - Analog Devices AD9546/PCBZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 48 of 205
THEORY OF OPERATION
Figure 1 summarizes the fundamental building blocks of the
AD9546. The core of the device comprises two independent
PLLs, PLL0 and PLL1, as well as proprietary resources enabling
the digital transport of clock signals (digitized clocking)
between multiple AD9546 devices over a single digital link.
Digitized clocking streamlines the design of systems that rely
on the transport of time scales between spatially separated
devices. The digitized clocking functionality comprises a common
clock DPLL (CCDPLL), a common clock Synchronizer (CCS),
nine user time stampers (UTS 0 to UTS 8), and two inverse user
time stampers (IUTS 0 and IUTS 1).
The AD9546 provides a high degree of backward compatibility
(legacy) with the AD9545, but with enhancements to support
digitized clocking. The user activates most enhancements
individually via register programming. Activating certain
enhancements may affect legacy functionality and override
settings in the registers associated with legacy functionality. In
such cases, text describing a specific enhancement in this data
sheet expressly states any impact on legacy functionality or
register overrides.
The AD9546 synthesizes its system clock via a system clock PLL
that upconverts the frequency applied to the system clock input
pins, XOA and XOB. The system clock input pins accept
frequencies from 20 MHz to 300 MHz from an external clock
source. Alternatively, the user can connect a crystal resonator
(25 MHz to 80 MHz) directly across the XOA and XOB pins.
The output of the system clock PLL is the primary time base for
time keeping functions within the AD9546.
The AD9546 supports up to eight reference input clock signals (via
the REFA, REFAA, REFB, and REFBB pins and four appropriately
configured Mx pins feeding auxiliary REF0, auxiliary REF1,
auxiliary REF2, and auxiliary REF3). Each reference input has a
dedicated reference divider as well as a reference monitor to detect
when the reference signal is lost or compromised. Furthermore,
when the AD9546 detects a faulty reference, it can automatically
switch to another (valid) reference with the user-programmable
reference selection priority.
The user also has access to two independent auxiliary NCOs.
These NCOs provide for internally generated frequencies up to
65,535 Hz with a tuning resolution of 2−40 Hz (approximately
1 pHz).
The DPLL portion of each PLL channel includes a programmable
digital loop filter with extremely low loop bandwidth capability.
Low loop bandwidth capability enables a significant reduction
of jitter transfer from the reference input to the output. Each
DPLL provides precise frequency translation by means of a 48-bit
NCO capable of generating clock signals in the range of 162 MHz
to 350 MHz. Furthermore, both DPLLs enable support of
manual or automatic transition to holdover operation.
Holdover operation constitutes the device generating an output
frequency synthesized from the system clock (as opposed to
translating a frequency from a reference input to an output).
During holdover operation, the AD9546 continuously provides
an output clock signal while the system clock is present. The
AD9546 is also capable of setting the holdover output
frequency based on a time average of the output frequency
history prior to the transition to holdover operation.
The output signal from the DPLL routes to the input of the APLL,
which upconverts the signal to a range of 2.424 GHz to 3.232 GHz
(APLL0) or 3.232 GHz to 4.040 GHz (APLL1). A high frequency
divider (÷2) follows the APLL VCO output providing a factor of 2
frequency reduction prior to delivery to the clock distribution
section.
The clock distribution section consists of a bank of dividers (Q)
and output drivers dedicated to each output pin. The PLL0 channel
has six Q divider/driver units, whereas the PLL1 channel has
four Q divider/driver units. Each Q divider has 32-bit program-
mable division depth and programmable phase offset control.
The drivers operate up to 500 MHz and are configurable as a
single-ended or differential output with adjustable output
current (7.5 mA, 12.5 mA, or 15 mA).
The AD9546 includes an integrated temperature sensor and
system clock compensation circuitry, which allows the device to
adjust automatically for frequency drift errors associated with
the system clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com