Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 87 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 83Page - Analog Devices AD9546/PCBZ Datasheet HTML 84Page - Analog Devices AD9546/PCBZ Datasheet HTML 85Page - Analog Devices AD9546/PCBZ Datasheet HTML 86Page - Analog Devices AD9546/PCBZ Datasheet HTML 87Page - Analog Devices AD9546/PCBZ Datasheet HTML 88Page - Analog Devices AD9546/PCBZ Datasheet HTML 89Page - Analog Devices AD9546/PCBZ Datasheet HTML 90Page - Analog Devices AD9546/PCBZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 87 of 205
REFERENCE DEMODULATOR
REFERENCE DEMODULATOR OVERVIEW
The AD9546 has eight reference demodulators: one for each
REFx input and one for each auxiliary REFx input (see the
Reference Clock Input Resources section). The REFx receivers
are configurable as single-ended or differential. The auxiliary
REFx receivers are single-ended only (nonconfigurable).
When REFA is configured for differential operation, only the
demodulator associated with REFA is available (the
demodulator associated with REFAA is unused). The same
applies for REFB.
When enabled, a demodulator recognizes modulated carrier
cycles on its associated reference input clock (a modulated cycle
is a phase deviation imposed on the falling edge of an input
clock cycle). The demodulator is compatible with embedded
clock signals generated by Analog Devices clock chips that
support embedded output clock modulation (the AD9545, for
example). For details on embedded clock modulation, see the
Distribution Embedded Output Clock Modulation section.
Figure 62 shows a basic block diagram of the reference
demodulator (legacy mode). The Letter X denotes a reference
demodulator associated with a specific reference input, and M
and N associate a specific register address with Demodulator X
per the register legend in Figure 62.
Referring to Figure 62, the reference input clock signal passes
through the reference receiver and drives the clock input of the
reference divider as well as the demodulator input. When the
input reference signal carries embedded clock modulation
events, the demodulator provides a means of detecting them.
On detection of a modulation event on its input clock, the
demodulator synchronizes the associated reference divider and
causes the associated reference TDC to tag the time stamp
generated by the modulation event.
INTERACTION BETWEEN DEMODULATOR AND
REFERENCE MONITOR
The reference monitor validates based on the input carrier
signal. However, the first modulation event after enabling the
reference demodulator causes a resynchronization of the
R divider. The resynchronization of the R divider starts a new
reference monitor validation sequence, which means the
reference invalidates. The user has access to the resynchronization
strobe via an appropriately configured Mx pin.
The resynchronization of the R divider is a singular event that
happens when the demodulator must force the R divider to
reset on grid (see the Demodulator Synchronization section
regarding the modulation grid). Thus, after enabling the
reference demodulator, to avoid the disruption of reference
validation due to the resynchronization of the R divider, use a
reference validation timer value greater than the period
between modulation events (see the Validation Time (tVALID)
section).
EXPECTED POLARITY
REFERENCE
RECEIVER
SENSITIVITY
2
Mx PIN
FUNCTION
LOGIC
Mx
PINS
REGISTER M, BIT 3
2
BANDWIDTH
TO THREE OTHER
DEMODULATORS
DEMOD CLK
DEMOD IN
SYNC EDGE
AUTOMATIC POLARITY DETECT
DEMODULATOR X
PERSISTENCE
REFERENCE
INPUT
ENABLE
SYNC
TEXT
= BIT(S) IN THE REGISTER MAP
TIME
STAMPS
REGISTER LEGEND
REFA
REFAA
REFB
REFBB
AUX REF0
AUX REF2
AUX REF3
X
M
REGISTER N, BIT 0
REGISTER M, BIT 2
REGISTER M, BIT 7
REGISTER M, BIT 6
REGISTER M, BITS [5:4]
REGISTER M, BITS [1:0]
N
0x0302
0x0303
0x0306
0x0307
0x030 A
0x030 B
0x030 E
0x030F
0x0301
0x0301
0x0301
0x0301
0x0305
0x0305
0x0305
0x0305
TDC
TAG
REF INPUT
REGISTER
REFERENCE
DIVIDER
AUX REF1
Figure 62. Reference Demodulator: Legacy Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com