Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 98 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 94Page - Analog Devices AD9546/PCBZ Datasheet HTML 95Page - Analog Devices AD9546/PCBZ Datasheet HTML 96Page - Analog Devices AD9546/PCBZ Datasheet HTML 97Page - Analog Devices AD9546/PCBZ Datasheet HTML 98Page - Analog Devices AD9546/PCBZ Datasheet HTML 99Page - Analog Devices AD9546/PCBZ Datasheet HTML 100Page - Analog Devices AD9546/PCBZ Datasheet HTML 101Page - Analog Devices AD9546/PCBZ Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 98 of 205
When the Q divider is in the process of phase slewing as a part
of the phase offset sequence, the phase offset controller indicates
phase slew active status via Bits[5:0] of Register 0x310D and
Bits[3:0] of Register 0x320D. For Register 0x310D, Bits[5:0]
correspond to Q0CC, Q0C, Q0BB, Q0B, Q0AA, and Q0A,
respectively. For Register 0x320D, Bits[3:0] correspond to
Q1BB, Q1B, Q1AA, and Q1A, respectively.
The user can access the phase slew active results via an
appropriately configured Mx status pin (see the Status and
Control Pins section). The Mx pin output signal constitutes a
logical OR of the six status bits associated with PLL0 or the
logical OR of the four status bits associated with PLL1.
Maximum Phase Slew Step Size
During the execution of a subsequent phase offset, the user
controls the maximum step size of the phase steps for a
particular Q divider via Bits[2:0] per the same address given in
Table 64. The value stored in Bits[2:0] establishes the maximum
phase step size per Table 67 (in which E is the number of Q
divider input edges per output period (see the Initial Phase
Offset section) and floor(x) means to round x to the nearest
integer in the direction of −∞). Keep in mind that Table 67
defines a maximum phase step size during phase slewing, but
the controller may use smaller values to ensure the terminal
phase value does not exceed the programmed phase offset
value.
When Bits[2:0] = 7 decimal, the phase controller requires only
one step to reach the desired phase offset regardless of the size of
the phase offset. Therefore, the bit setting effectively deactivates
the phase slewing feature. When Bits[2:0] = 7, the phase
controller behaves as though the phase slew mode bit is Logic 0
(that is, lag only) even if the phase slew mode bit is Logic 1 (see
the Phase Slew Mode section).
When Bits[2:0] = 0 or 1 decimal, the slewing operation is
limited to half-cycles or full cycles, respectively, of the input
clock. Because a 0 or 1 setting represents the smallest possible
maximum phase step for most Q divider divide ratios, most
choices of phase offset result in phase slewing as though the
maximum phase slew step was set to 0 or 1.
Maximum phase slew step values greater than 1 decimal require
the user to ensure that the maximum phase step size is greater
than or equal to one input half-cycle. Otherwise, the phase slewing
function is invalid, in which case the device flags an error via the
control error bits described in the Initial Phase Offset section.
For example, when QN = 5 (that is, E = 10 (see the Initial Phase
Offset section)), one half-cycle constitutes 36°. As such,
maximum phase slew step values of 2 or 3 are invalid, and the
controller sets the appropriate error flag.
Table 67. Maximum Phase Slew Step Size
Bits[2:0]
(Decimal)
Maximum Phase
Step Size (Degrees)
Comment
0
360 ÷ E
One input half-cycle
1
180 ÷ E
Two input half-cycles
2
360 × floor(E/32)/E
~11.25°
3
360 × floor(E/16)/E
~22.5°
4
360 × floor(E/8)/E
~45°
5
360 × floor(E/4)/E
~90°
6
360 × floor(E/2)/E
~180°
7 (Default)
360 × (E − 1)/E
~360°
Phase Slew Mode
During the execution of a subsequent phase offset, the phase
controller can slew phase in two different modes. The user selects
the mode via Bit 3 per the same address given in Table 64.
When Bit 3 = 0 (default), the phase controller slews phase in the
direction that reduces the output frequency during the stepwise
phase adjustment sequence. Alternatively, when Bit 3 = 1, the
phase controller slews phase in the direction requiring the
fewest number of steps. However, when the half integer divide
bit is Logic 1 and the desired phase shift is within one Q divider
input half-cycle of the midpoint of an output cycle, the phase
controller may choose the slightly longer direction.
When Bit 3 = 1, the output frequency may change in either
direction, as required, for any given stepwise phase adjustment
sequence (due to the phase controller choosing the direction of
the fewest number of steps).
Output Pulse Width Control
By default, the Q divider output generates a clock signal with a
50% pulse width. However, the user has the option to control
the pulse width of the Q divider output. The control granularity
is one half cycle of the input clock of the Q divider. Pulse width
control is via Bit 4 per the same address given in Table 64.
When Bit 4 = 0, the phase offset controller uses the
programmed 33-bit phase offset as a phase offset (as described
in the Initial Phase Offset section). When Bit 4 = 1, the 33-bit
phase offset value defines a pulse width rather than a phase
offset.
The pulse width, in percent, is given by
Pulse Width (%) = 100 × Phase Offset/E
(2)
where:
Pulse Width defines the portion of an output clock cycle from
the rising edge to the falling edge.
Phase Offset is the integer stored in the phase offset registers.
Table 66 shows the phase offset register address ranges.
E is as defined in the Initial Phase Offset section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com