Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 92 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 88Page - Analog Devices AD9546/PCBZ Datasheet HTML 89Page - Analog Devices AD9546/PCBZ Datasheet HTML 90Page - Analog Devices AD9546/PCBZ Datasheet HTML 91Page - Analog Devices AD9546/PCBZ Datasheet HTML 92Page - Analog Devices AD9546/PCBZ Datasheet HTML 93Page - Analog Devices AD9546/PCBZ Datasheet HTML 94Page - Analog Devices AD9546/PCBZ Datasheet HTML 95Page - Analog Devices AD9546/PCBZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 92 of 205
In single-divider differential mode, the clock signal at the
OUTxyN pin phase is inverted relative to the OUTxyP pin. In
single-divider single-ended mode, the clock signals at the
OUTxyP and OUTxyN pins are in phase relative to one
another. In dual-divider single-ended mode, the Qxy divider
drives the OUTxyP pin and the Qxyy divider drives the
OUTxyN pin. In this mode, each output of the subgroup can
have a different frequency and phase offset.
OUTPUT DRIVER CONFIGURATIONS
Each driver receives a clock input signal from its associated
channel divider (see Figure 66). The current source (or sink) of
the driver is either on or off, depending on the logic level
output by the divider. That is, when the divider output is
Logic 0, the driver output current is 0 mA. Conversely, when
the divider output is Logic 1, the drive output current is the
programmed output current value. The Qxy divider has normal
and inverted logic outputs, which means when the Qxy divider
connects to both drivers and one current source is on, the other
is off, allowing a differential output signal.
Differential HCSL Output
To drive a standard HCSL receiver, refer to Figure 39. This
configuration requires programming the driver settings as
follows: single-divider, differential drivers; current source;
driver current = 15 mA. In this mode, the driver expects a 50 Ω
termination to ground on each driver output pin. The 15 mA
drive current yields 750 mV swing across each 50 Ω load.
LVDS Output
To drive an LVDS receiver using ac coupling, refer to Figure 38.
This configuration requires programming the driver settings as
follows: single-divider, differential drivers; current source; and
driver current = 7.5 mA. In this mode, the driver expects a 50 Ω
termination to ground on each driver output pin and dc
blocking capacitors with a 100 Ω differential termination at the
receiver. The expected termination arrangement yields 188 mV
swing across the 100 Ω load but with 188 mV common mode
across the output pins, and thus, the need for dc blocking
capacitors to preserve the common-mode bias of 1.2 V of the
receiver.
To drive an LVDS receiver directly with dc coupling, use a
T network, as shown in Figure 41. This configuration requires
programming the driver settings as follows: single-divider,
differential drivers; current sink; and driver current = 7.5 mA.
This arrangement yields a 375 mV swing across the output pins
with 1.24 V common mode. When using an additional 100 Ω
differential termination (RL) at the receiver, however, ac coupling
is necessary (as shown in Figure 38). The additional termination
also requires programming a drive current of 15 mA. This
arrangement yields a 375 mV swing across the output pins with
0.67 V common mode (thus, the ac coupling requirement to
preserve the 1.2 V common-mode bias of the LVDS receiver).
To drive an LVDS receiver using a Thevenin equivalent
termination, refer to Figure 42, which exhibits the equivalent of
a 50 Ω pull-up resistor to 1.42 V on each output pin. This
configuration requires programming the driver settings as
follows: single-divider, differential drivers; current sink; and
driver current = 7.5 mA. This arrangement yields a 375 mV
swing across the output pins with 1.23 V common mode.
When using an additional 100 Ω differential termination (RL) at
the receiver, however, ac coupling is necessary (as shown in
Figure 38), as well as programming a drive current of 15 mA.
This arrangement yields 375 mV swing across the output pins
with 1.05 V common mode (thus the ac coupling requirement
to preserve the 1.2 V common-mode bias of the LVDS receiver).
To drive an LVDS-compatible receiver that can handle boosted
signal swing, use a Thevenin equivalent termination per Figure 43,
which exhibits the equivalent of a 50 Ω pull-up resistor to
1.60 V on each output pin. This configuration requires
programming the driver settings as follows: single-divider,
differential drivers; current sink; and driver current = 15 mA.
This arrangement yields 750 mV swing across the output pins
with 1.23 V common mode.
CML Output
To configure an output for CML signals, see Figure 40. When
using a 50 Ω pull-up resistor to 1.2 V, this configuration
requires programming the driver settings as follows: single-
divider, differential drivers; current sink; and driver current =
7.5 mA. This arrangement yields a 375 mV swing across the
output pins with 1.01 V common mode.
When using a 50 Ω pull-up resistor to 1.5 V or 1.8 V, program
a drive current of 15 mA. This arrangement yields a 750 mV
swing across the output pins with 1.125 V common mode for a
1.5 V supply and 1.425 V common mode for a 1.8 V supply.
Dual, Single-Ended, In Phase Outputs
To configure the output to produce the same signal (in phase)
on each pin of an OUTxyP/OUTxyN pin pair, refer to Figure 44.
This configuration requires programming the driver settings as
follows: single-divider, single-ended drivers and current source.
Select the driver current to yield an acceptable voltage swing
based on the load resistance, RL. The output is essentially a
current source (on or off per the logic state of the Qxy divider
output) with an external pull-down resistor. Thus, the output
signal swing is between ground and V = I × RL.
Independent, Single-Ended Outputs
To configure the output to produce independent signals on the
two output pins of an OUTxyP/OUTxyN pin pair, refer to
Figure 46. This configuration requires programming the driver
settings as follows: dual-divider, single-ended drivers and
current source. Select the driver current to yield an acceptable
voltage swing based on the load resistance, RL. Note that the
output is essentially a current source (on or off per the logic
state of the Qxy and Qxyy dividers) with an external pull-down
resistor. Thus, the output signal swing is between ground and V =
I × RL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com