Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 90 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 86Page - Analog Devices AD9546/PCBZ Datasheet HTML 87Page - Analog Devices AD9546/PCBZ Datasheet HTML 88Page - Analog Devices AD9546/PCBZ Datasheet HTML 89Page - Analog Devices AD9546/PCBZ Datasheet HTML 90Page - Analog Devices AD9546/PCBZ Datasheet HTML 91Page - Analog Devices AD9546/PCBZ Datasheet HTML 92Page - Analog Devices AD9546/PCBZ Datasheet HTML 93Page - Analog Devices AD9546/PCBZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 90 of 205
tCARRIER
(8 + x) ×
tCARRIER
K × (8 + x) ×
tCARRIER
tGRID
Figure 65. Grid Timing Diagram
DEMODULATOR SYNCHRONIZATION
The demodulators expect modulation events to occur at regular
periodic intervals, tGRID, with tGRID comprising an integer
number of tCARRIER periods (see Figure 65) such that
tGRID = K × (8 + x) × tCARRIER
where:
K is an integer K ≥ 1.
x is an integer with x ≥ 0.
Essentially, the value of x relates to the divide ratio, R, of the
reference divider as follows:
R = 8 + x
The net effect is that the reference divider produces an output
clock of period, tCARRIER × (8 + x). The reference TDC time
stamps the rising edge of each divider output clock cycle with K
time stamps occurring in each tGRID period.
When the demodulator identifies a modulation event within
the carrier signal, it generates a demodulator clock pulse with
timing according to Figure 64. The demodulator clock pulse
synchronizes the reference divider and causes the reference
TDC to tag the associated time stamp (see Figure 62), which
creates a fixed timing relationship between incoming modula-
tion events and the occurrence of tagged time stamps. Specifically,
every Kth time stamp (see Figure 65) is a tagged time stamp.
The demodulator denotes the next rising edge of the carrier
following the modulation event as the base edge. The user can set
the timing of the demodulator clock pulse to occur a predefined
number of tCARRIER periods after the base edge via the 2-bit
unsigned bit field comprising Bits[5:4] in Register M per the
register legend in Figure 62. The decimal value of this bit field,
0 (default), 1, 2, or 3, corresponds to the desired synchronization
edge in Figure 64.
The user must program a bit field value other than the default
value of zero (Bits[5:4] = 0 is not supported).
If a modulation event occurs off grid or the modulation rate
changes to a new tGRID period, the demodulator must
resynchronize. The demodulator requires at least three tCARRIER
periods (including the first modulated cycle) to resynchronize
when Bit 6 in Register M per the register legend in Figure 62 is
Logic 0 and at least eight tCARRIER periods when Bit 6 is Logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com